Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBW-5089 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SBW-5089
Description  Product Description InGaP/GaAs HBT MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SBW-5089 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SBW-5089_1 Datasheet HTML 1Page - SIRENZA MICRODEVICES SBW-5089_1 Datasheet HTML 2Page - SIRENZA MICRODEVICES SBW-5089_1 Datasheet HTML 3Page - SIRENZA MICRODEVICES SBW-5089_1 Datasheet HTML 4Page - SIRENZA MICRODEVICES SBW-5089_1 Datasheet HTML 5Page - SIRENZA MICRODEVICES SBW-5089_1 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBW-5089 DC-8.0 GHz Cascadeable MMIC Amplifier
EDS-103325 Rev. C
3
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 South Technology Court
Broomfield, CO 80021
IS-95 @ 850MHz
Adj. Channel Pwr. vs. Channel output Pwr.
-70
-65
-60
-55
-50
-45
-40
-35
-30
6
8
10
12
14
16
dBm
-40°C
+25°C
+85°C
IS-95 @ 1950MHz
Adj. Channel Pwr. vs. Channel Output Power
-70
-65
-60
-55
-50
-45
-40
-35
-30
6
8
10
12
14
16
dBm
-40°C
+25°C
+85°C
0
5
10
15
20
25
01
234
5
678
9
10
Frequency (GHz)
-40°C
+25°C
+85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
-30
-25
-20
-15
-10
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
NOTE: Full S-parameter data available at www.sirenza.com
Typical RF Performance Over Lead Temperature In Basic Application Circuit (Fig.2) ( Bias: I
D= 80 mA Typ.)
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency


Similar Part No. - SBW-5089_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBW-5089-Z RFMD-SBW-5089-Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089Z RFMD-SBW-5089Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089Z RFMD-SBW-5089Z Datasheet
657Kb / 7P
   MMIC AMPLIFIER
More results

Similar Description - SBW-5089_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-489 SIRENZA-NGA-489 Datasheet
418Kb / 5P
   InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA4089Z RFMD-SBA4089Z Datasheet
496Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com