Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ05XSP16 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNQ05XSP16
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 10Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 11Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 12Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 13Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 14Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 15Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
VNQ05XSP16
Maximum turn off current versus load inductance
A = Single Pulse at TJstart=150ºC
B= Repetitive pulse at TJstart=100ºC
C= Repetitive Pulse at TJstart=125ºC
Conditions:
VCC=13.5V
Values are generated with RL=0
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse must not exceed
the temperature specified above for curves B and C.
VIN, IL
t
Demagnetization
Demagnetization
Demagnetization
1
10
100
0.01
0.1
1
10
L(mH)
ILMAX (A)
A
B
C
1


Similar Part No. - VNQ05XSP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VNQ05XSP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
412Kb / 26P
   Quad channel high side solid state relay
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
   Quad channel high side solid state relay
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com