Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA16C5G Datasheet(PDF) 9 Page - Agamem Microelectronic Inc.

Part # AA16C5G
Description  Voltage detector with delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA16C5G Datasheet(HTML) 9 Page - Agamem Microelectronic Inc.

Back Button AA16C5G Datasheet HTML 4Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 5Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 6Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 7Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 8Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 9Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 10Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 11Page - Agamem Microelectronic Inc. AA16C5G Datasheet HTML 12Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2007/6/21
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT
FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR
CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR
THE RIGHTS OF OTHERS.
9
Agamem Mircoelectronics Inc.
AA16 Series
___________________________________________________________
PRELIMINARY
Voltage detector with delay
SOT-23
OUTLINE DRAWING
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
- - -
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
- - -
1.90(TYP)
- - -
H
2.60
2.80
3.00
L
0.37
- - -
- - -
θ1
1
5
9
NOTES:
1.
Package body sizes exclude
mold flash protrusions or
gate burrs
2.
Tolerance ± 0.1000 ㎜ (4
mil) unless otherwise
specified
3.
Coplanarity:0.1000 ㎜
4.
Dimension l is measured in
gage plane


Similar Part No. - AA16C5G

ManufacturerPart #DatasheetDescription
logo
Dubilier
AA1600 DUBILIER-AA1600 Datasheet
95Kb / 1P
   ALKALINE
logo
List of Unclassifed Man...
AA160301111 ETC2-AA160301111 Datasheet
864Kb / 7P
   Magnet Mount GPS-GLONASS Antenna
logo
Taoglas antenna solutio...
AA160301111 TAOGLAS-AA160301111 Datasheet
399Kb / 6P
   Magnet Mount GPS-GLONASS-GALILEO Antenna
logo
List of Unclassifed Man...
AA161301111 ETC2-AA161301111 Datasheet
1Mb / 16P
   Dominator Magnet Mounted GPS-GLONASS Antenna
logo
Taoglas antenna solutio...
AA161301111 TAOGLAS-AA161301111 Datasheet
1Mb / 12P
   Magnet Mounted GPS-GLONASS-GALILEO Antenna
More results

Similar Description - AA16C5G

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
logo
Microchip Technology
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
   1UA Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com