Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3669 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3669
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3669 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3669_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3669_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3669_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3669_04 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3669_04 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3669
2004-07-07
3
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
10
0.01
500
Ta = 100°C
25
0.03
0.1
0.3
1
30
50
100
300
Common emitter
VCE = 2 V
−55
2
1
0
0
0.8
0.6
0.4
0.2
0.4
0.8
1.2
1.6
2.0
2.4
IB = 5 mA
10
15
20
50
30
Common emitter
Ta = 25°C
40
0.6
1
0
0
0.8
0.4
0.2
0.4
0.8
1.2
1.6
2.0
2.4
IB = 5 mA
10
20
30
50
70
Common emitter
Ta = −55°C
40
15
0.01
0.01
0.5
Ta = 100°C
25
0.03
0.1
0.3
1
0.03
0.05
0.1
0.3
Common emitter
IC/IB = 20
−55
0.05
0.5
1
0
0
0.8
0.6
0.4
0.2
0.4
0.8
1.2
1.6
2.0
2.4
IB = −5 mA 10
20
50
Common emitter
Ta = 100°C
15
30
40
2.0
0
0
1.6
1.2
0.8
0.4
2
4
6
8
10
12
Common emitter
Ta = 25°C
20
15
10
0
IB = 5 mA
35
25


Similar Part No. - 2SC3669_04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669G-X-AA3-R UTC-2SC3669G-X-AA3-R Datasheet
294Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC3669G-X-AB3-R UTC-2SC3669G-X-AB3-R Datasheet
294Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC3669G-X-TM3-T UTC-2SC3669G-X-TM3-T Datasheet
294Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC3669G-X-TN3-R UTC-2SC3669G-X-TN3-R Datasheet
294Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC3669L-X-TM3-T UTC-2SC3669L-X-TM3-T Datasheet
294Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC3669_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4408 TOSHIBA-2SC4408_07 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com