Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2602_0411 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2602_0411
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602_0411 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2602_0411 Datasheet HTML 1Page - Semtech Corporation SC2602_0411 Datasheet HTML 2Page - Semtech Corporation SC2602_0411 Datasheet HTML 3Page - Semtech Corporation SC2602_0411 Datasheet HTML 4Page - Semtech Corporation SC2602_0411 Datasheet HTML 5Page - Semtech Corporation SC2602_0411 Datasheet HTML 6Page - Semtech Corporation SC2602_0411 Datasheet HTML 7Page - Semtech Corporation SC2602_0411 Datasheet HTML 8Page - Semtech Corporation SC2602_0411 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602/SC2602A
Block Diagram
Synchronous Buck Converter
Primary V
CORE power is provided by a synchronous, volt-
age-mode pulse width modulated (PWM) controller. This
section has all the features required to build a high effi-
ciency synchronous buck converter, including “Power
Good” flag, shut-down, and cycle-by-cycle current limit.
The output voltage of the synchronous converter is set
and controlled by the output of the error amplifier. The
external resistive divider reference voltage is derived from
an internal trimmed-bandgap voltage reference (See Fig.
1). The inverting input of the error amplifier receives its
voltage from the SENSE pin.
The internal oscillator uses an on-chip capacitor and
trimmed precision current sources to set the oscillation
frequency to 200kHz/500kHz. The triangular output of
the oscillator sets the reference voltage at the inverting
input of the comparator. The non-inverting input of the
comparator receives it’s input voltage from the error am-
plifier. When the oscillator output voltage drops below
the error amplifier output voltage, the comparator out-
put goes high. This pulls DL low, turning off the low-side
FET, and DH is pulled high, turning on the high-side FET
(once the cross-current control allows it). When the oscil-
lator voltage rises back above the error amplifier output
voltage, the comparator output goes low. This pulls DH
low, turning off the high-side FET, and DL is pulled high,
turning on the low-side FET (once the cross-current con-
trol allows it).
As SENSE increases, the output voltage of the error
amplifier decreases. This causes a reduction in the on-
time of the high-side MOSFET connected to DH, hence
lowering the output voltage.
Under Voltage Lockout
The under voltage lockout circuit of the SC2602 assures
that the high-side MOSFET driver outputs remain in the off
state whenever the supply voltage drops below set param-
eters. Lockout occurs if V
CC falls below 4.1V. Normal opera-
tion resumes once V
CC rises above 4.2V.
Over-Voltage Protection
The over-voltage protection pin (OVP) is high only when
the voltage at SENSE is 20% higher than the target value
programmed by the external resistor divider. The OVP pin
is internally connected to a PNP’s collector.
Power Good
The power good function is to confirm that the regulator
outputs are within +/-10% of the programmed level.
PWRGD remains high as long as this condition is met.
PWRGD is connected to an internal open collector NPN
transistor.
Theory of Operation


Similar Part No. - SC2602_0411

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2602A SEMTECH-SC2602A Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602ASTRT SEMTECH-SC2602ASTRT Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602EVB SEMTECH-SC2602EVB Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
SC2602LEVB SEMTECH-SC2602LEVB Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
More results

Similar Description - SC2602_0411

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com