Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6124IRHBTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS6124IRHBTG4
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6124IRHBTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS6124IRHBTG4 Datasheet HTML 2Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 3Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 4Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 9Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6125
ADS6124
ADS6123
ADS6122
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
71.3
71.4
71.6
71.7
Fin = 50 MHz
68.5
71.1
71.1
69
71.4
71.5
Fin = 70 MHz
70.9
68.5
71
71.3
69
71.5
SNR
0 dB Gain
69.5
70
70.3
70.6
Fin = 170
Signal to noise
dBFS
3.5 dB Coarse
MHz
ratio, CMOS
68.7
69.4
69.7
69.9
gain
0 dB Gain
68.6
69.2
69.6
69.9
Fin = 230
3.5 dB Coarse
MHz
67.9
68.6
69.1
69.4
gain
Fin = 10 MHz
71.5
71.5
71.8
71.8
Fin = 50 MHz
68.5
71.4
71.3
69
71.5
71.6
Fin = 70 MHz
71.3
68.5
71.3
71.5
69
71.6
SNR
0 dB Gain
70.3
70.3
70.6
70.7
Fin = 170
Signal to noise
dBFS
3.5 dB Coarse
MHz
ratio, LVDS
69.8
69.8
70.1
70.1
gain
0 dB Gain
69.6
69.6
70
70.1
Fin = 230
3.5 dB Coarse
MHz
69
69
69.5
69.6
gain
Fin = 10 MHz
71.1
71.3
71.5
71.6
Fin = 50 MHz
68
70.3
70.7
68.5
71.3
71.4
Fin = 70 MHz
70.4
68
70.9
70.9
68.5
71.4
SINAD
Signal to noise
0 dB Gain
67.7
69.5
69.6
70.2
Fin = 170
and distortion
dBFS
3.5 dB Coarse
MHz
ratio
67.6
69.1
69.2
69.8
gain
CMOS
0 dB Gain
66.6
68
68.9
69.1
Fin = 230
3.5 dB Coarse
MHz
66.3
68
68.6
69
gain
Fin = 10 MHz
71.5
71.5
71.7
71.7
Fin = 50 MHz
70.6
70.7
71.4
71.5
Fin = 70 MHz
71
71
71.1
71.5
SINAD
Signal to noise
0 dB Gain
69.1
69.7
70.1
70.3
Fin = 170
and distortion
dBFS
3.5 dB Coarse
MHz
ratio
69.3
69.5
69.9
70
gain
LVDS
0 dB Gain
68.2
68.1
69.4
69.1
Fin = 230
3.5 dB Coarse
MHz
68.3
68.3
69.2
69.1
gain
ENOB
Fin = 50 MHz
11
11.4
11
11.55
Effective
Bits
Fin = 70 MHz
11
11.5
11
11.56
number of bits
Fin = 10 MHz
90
91
93
95
Fin = 50 MHz
76
80
83
79
89
89
Fin = 70 MHz
84
76
84
84
79
86
SFDR
0 dB Gain
76
80
81
82
Fin = 170
Spurious free
dBc
3.5 dB Coarse
MHz
dynamic range
78
82
83
84
gain
0 dB Gain
75
77
79
79
Fin = 230
3.5 dB Coarse
MHz
76
79
81
82
gain
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Similar Part No. - ADS6124IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6124IRHBTG4 TI-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHBTG4 TI1-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6124IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com