Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMP0417AA4 Datasheet(PDF) 2 Page - FIDELIX

Part # CMP0417AA4
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA4 Datasheet(HTML) 2 Page - FIDELIX

  CMP0417AA4 Datasheet HTML 1Page - FIDELIX CMP0417AA4 Datasheet HTML 2Page - FIDELIX CMP0417AA4 Datasheet HTML 3Page - FIDELIX CMP0417AA4 Datasheet HTML 4Page - FIDELIX CMP0417AA4 Datasheet HTML 5Page - FIDELIX CMP0417AA4 Datasheet HTML 6Page - FIDELIX CMP0417AA4 Datasheet HTML 7Page - FIDELIX CMP0417AA4 Datasheet HTML 8Page - FIDELIX CMP0417AA4 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
2
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PIN DESCRIPTION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
NC
A12
A13
/WE
NC
A8
A9
A10
A11
/ZZ
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
48-FBGA : Top View(Ball Down)
Do Not Use
DNU
Data Inputs/Outputs
I/O1~I/O16
Core Power
VCC
Low Power Modes
/ZZ
No Connection
NC
Lower Byte(I/O 1~8)
/LB
Address Inputs
A0~A17
Upper Byte(I/O9~16)
/UB
Write Enable Input
/WE
Ground
VSS
Output Enable Input
/OE
I/O Power
VCCQ
Chip Select Input
/CS
Function
Name
Function
Name
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
I/O Circuit
Column select
Data
cont
Data
cont
Column Addresses
Data
cont
Control Logic
/CS
/OE
/WE
/UB
/LB
/ZZ
I/O9~I/O16
I/O1~I/O8
Row
select
FEATURES
Process Technology : Full CMOS
• Organization : 256K x 16
• Power Supply Voltage : 2.7~3.3V
• Low Power & Page Modes
CMP0417AA1 : support the PASR function
CMP0417AA2 : support the DPD function
CMP0417AA4 : support the PASR/PAGE function
CMP0417AA5 : support the DPD/PAGE function
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
• Separated I/O power(VCCQ) & Core Power(VCC)
• Page read/write operation up to 16 words
(CMP0417AA4, CMP0417AA5)
• DPD mode when /ZZ goes low
(CMP0417AA2, CMP0417AA5)
PRODUCT FAMILY
ISB1
(CMOS Standby
Current)
ICC2
ICC1
Max.
Typ.
20mA
Max.
Typ.
Max.
Typ.
Min.
70uA
3.0
Typ.
Max.
30uA
12mA
3mA
1.5mA
70ns
3.3
2.7
Industrial
(-25~85’C)
CMP0417AAx-F70E
Operating
Voltage (V)
f = fmax
f = 1MHz
Power Dissipation
Speed
Operating
Temperature
Product Family
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and T
A = 25C.
2. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER


Similar Part No. - CMP0417AA4

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-F70I FIDELIX-CMP0417AA8-F70I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - CMP0417AA4

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FAMP0417CAX-W70E FIDELIX-FAMP0417CAX-W70E Datasheet
141Kb / 12P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com