Electronic Components Datasheet Search |
|
COP8SAC720M7 Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
COP8SAC720M7 Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 60 page CPU Features n Versatile easy to use instruction set n 1 µs instruction cycle time n Eight multi-source vectored interrupts servicing — External interrupt — Idle Timer T0 — One Timer (with 2 interrupts) — MICROWIRE/PLUS Serial Interface — Multi-Input Wake Up — Software Trap — Default VIS (default interrupt) n 8-bit Stack Pointer SP (stack in RAM) n Two 8-bit Register Indirect Data Memory Pointers n True bit manipulation n Memory mapped I/O n BCD arithmetic instructions Peripheral Features n Multi-Input Wakeup Logic n One 16-bit timer with two 16-bit registers supporting: — Processor Independent PWM mode — External Event counter mode — Input Capture mode n Idle Timer n MICROWIRE/PLUS Serial Interface (SPI Compatible) I/O Features n Software selectable I/O options — TRI-STATE® Output — Push-Pull Output — Weak Pull Up Input — High Impedance Input n Schmitt trigger inputs on ports G and L n Up to 12 high current outputs n Pin efficient (i.e., 40 pins in 44-pin package are devoted to useful I/O) Fully Static CMOS Design n Low current drain (typically < 4 µA) n Single supply operation: 2.7V to 5.5V n Two power saving modes: HALT and IDLE Temperature Ranges 0˚C to +70˚C, −40˚C to +85˚C, and −40˚C to +125˚C Development Support n Windowed packages for DIP and PLCC n Real time emulation and full program debug offered by MetaLink Development System Block Diagram DS012838-1 FIGURE 1. COP8SAx Block Diagram www.national.com 2 |
Similar Part No. - COP8SAC720M7 |
|
Similar Description - COP8SAC720M7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |