Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9557PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557PW
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557PW Datasheet(HTML) 3 Page - Texas Instruments

  PCA9557PW Datasheet HTML 1Page - Texas Instruments PCA9557PW Datasheet HTML 2Page - Texas Instruments PCA9557PW Datasheet HTML 3Page - Texas Instruments PCA9557PW Datasheet HTML 4Page - Texas Instruments PCA9557PW Datasheet HTML 5Page - Texas Instruments PCA9557PW Datasheet HTML 6Page - Texas Instruments PCA9557PW Datasheet HTML 7Page - Texas Instruments PCA9557PW Datasheet HTML 8Page - Texas Instruments PCA9557PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
I/O
Port
Shift
Register
8 Bits
Input
Filter
2
Power-On
Reset
Read Pulse
Write Pulse
5
4
3
16
8
GND
VCC
SDA
SCL
A2
A1
A0
I2C-Bus
Control
P7−P0
RESET
15
PCA9557
www.ti.com.................................................................................................................................................... SCPS133I – DECEMBER 2005 – REVISED JUNE 2008
LOGIC DIAGRAM (POSITIVE LOGIC)
A.
Pin numbers shown are for the D, DB, DGV, PW, and RGY packages.
B.
All I/Os are set to inputs at reset.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCA9557


Similar Part No. - PCA9557PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9557PW PHILIPS-PCA9557PW Datasheet
127Kb / 16P
   8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
logo
Texas Instruments
PCA9557PW TI-PCA9557PW Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9557PW NXP-PCA9557PW Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
logo
Texas Instruments
PCA9557PWR TI-PCA9557PWR Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557PWT TI-PCA9557PWT Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com