Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD201D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD201D
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD201D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD201D Datasheet HTML 4Page - Texas Instruments SN65MLVD201D Datasheet HTML 5Page - Texas Instruments SN65MLVD201D Datasheet HTML 6Page - Texas Instruments SN65MLVD201D Datasheet HTML 7Page - Texas Instruments SN65MLVD201D Datasheet HTML 8Page - Texas Instruments SN65MLVD201D Datasheet HTML 9Page - Texas Instruments SN65MLVD201D Datasheet HTML 10Page - Texas Instruments SN65MLVD201D Datasheet HTML 11Page - Texas Instruments SN65MLVD201D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
Output
A/Y
Output
tpLH
tpHL
Input
C3
0.5 pF
B/Z
D
0 V
0.9V
V
0 V
tf
tr
VCC
VCC/2
0 V
SS
SS
0 V
0.1V
SS
SS
C1
1 pF
C2
1 pF
VP(H)
VP(L)
R1
50
A/Y
B/Z
R1
24.9
tpZH
tpHZ
tpZL
tpLZ
VCC
VCC/2
0 V
∼ 0.6 V
0.1 V
0 V
∼ -0.6 V
0 V
-0.1 V
DE
Output With
D at VCC
Output
0 V or VCC
DE
Output With
D at 0 V
C1
1 pF
R2
24.9
C4
0.5 pF
C2
1 pF
D
C3
2.5 pF
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 500 kHz,
duty cycle = 50 5%.
B.
C1, C2, and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are 20%.
C.
R1 is a metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 500 kHz,
duty cycle = 50 5%.
B.
C1, C2, C3, and C4 includes instrumentation and fixture capacitance within 2 cm of the D.U.T. and are 20%.
C.
R1 and R2 are metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 6. Driver Enable and Disable Time Circuit and Definitions
8
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207


Similar Part No. - SN65MLVD201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201D TI-SN65MLVD201D Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201D TI-SN65MLVD201D Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201DG4 TI-SN65MLVD201DG4 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201DR TI-SN65MLVD201DR Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201DR TI-SN65MLVD201DR Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com