Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72372J4T1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72372J4T1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372J4T1 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72372J4T1 Datasheet HTML 1Page - STMicroelectronics ST72372J4T1 Datasheet HTML 2Page - STMicroelectronics ST72372J4T1 Datasheet HTML 3Page - STMicroelectronics ST72372J4T1 Datasheet HTML 4Page - STMicroelectronics ST72372J4T1 Datasheet HTML 5Page - STMicroelectronics ST72372J4T1 Datasheet HTML 6Page - STMicroelectronics ST72372J4T1 Datasheet HTML 7Page - STMicroelectronics ST72372J4T1 Datasheet HTML 8Page - STMicroelectronics ST72372J4T1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
March 1998
1/94
This is preliminary information on a new product in development orundergoing evaluation. Detailsare subject to change without notice.
R
Rev. 1.1
ST72371/ST72372
8-BIT MCUs WITH 16K ROM/OTP/EPROM,
512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PRODUCT PREVIEW
s
User Program Memory (ROM/OTP/EPROM):
16K bytes
s
Data RAM: 512 bytes, including 256 bytes of
stack
s
Master Reset and Power-On Reset
s
Run, Wait, Slow, Halt and RAM Retention
modes
s
23 to 32 I/O lines:
– 4 to 5 programmable interrupt inputs
– 6 to 8 high sink outputs
– 4 to 8 analog alternate inputs
– 10 to 14 alternate functions
– EMI filtering
s
Programmable watchdog (WDG)
s
16-bit Timer, featuring:
– 2 Input Captures
– 2 Output Compares (with 1 output pin)
– PWM and Pulse Generator modes
s
8-bit
Analog-to-Digital
converter
(4
to
8
channels)
s
Four 10-bit and one 12-bit Digital to Analog
Converter Channels with PWM output
s
Fast I
2C Multimaster Interface
s
Serial
Communications
Interface
(SCI)
(ST72371N only)
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS-
WINDOWS
TM Real-Time Emulator
s
Full Software Package on DOS/WINDOWSTM
(C-Compiler, Cross-Assembler, Debugger)
Device Summary
Features
ST72372J4
ST72371N4
Program Memory - bytes
16K
RAM (stack) - bytes
512 (256)
10-Bit D/A Converter
4 channels
12-Bit D/A Converter
1 channel
A/D Converter
4 channels
8 channels
16-Bit Timer
1
I2C Bus
1 multimaster
SCI
No
Yes
I/Os
30
39
Operating Supply
4.0 to 5.5 V
CPU Frequency
8 MHz max (24 MHz quartz)
Temperature Range
0
°Cto + 70°C
Package
SDIP42
SDIP56-
TQFP64
PSDIP42
PSDIP56
CSDIP42W
CSDIP56
TQFP64
1


Similar Part No. - ST72372J4T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72311J2 STMICROELECTRONICS-ST72311J2 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72311J2B1 STMICROELECTRONICS-ST72311J2B1 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72311J2B6 STMICROELECTRONICS-ST72311J2B6 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72311J2B6S STMICROELECTRONICS-ST72311J2B6S Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
More results

Similar Description - ST72372J4T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
NXP Semiconductors
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
logo
STMicroelectronics
ST90E27 STMICROELECTRONICS-ST90E27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com