Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD201DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65MLVD201DRG4
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD201DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65MLVD201DRG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 9Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 10Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 11Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 12Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 13Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 14Page - Texas Instruments SN65MLVD201DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
15 pF
tpZL
tpLZ
VOL
VOL +0.5 V
VO
RL
499
_
+
VTEST
B
A
RE
1.2 V
Inputs
VCC
1 V
VCC
VCC/2
0 V
VCC
VCC/2
VTEST
A
RE
R
0 V
1.4 V
A
tpZH
tpHZ
0 V
VOH -0.5 V
VCC
VCC/2
0 V
VOH
VCC/2
RE
VO
R
Output
VTEST
CL
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 500 kHz,
duty cycle = 50 5%.
B.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T.
C.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T.
D.
CL is the instrumentation and fixture capacitance within 2 cm of the DUT and 20%.
Figure 11. Receiver Enable/Disable Time Test Circuit and Waveforms
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207


Similar Part No. - SN65MLVD201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201DRG4 TI-SN65MLVD201DRG4 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com