Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP11PG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STFLWARP11PG
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP11PG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STFLWARP11PG Datasheet HTML 4Page - STMicroelectronics STFLWARP11PG Datasheet HTML 5Page - STMicroelectronics STFLWARP11PG Datasheet HTML 6Page - STMicroelectronics STFLWARP11PG Datasheet HTML 7Page - STMicroelectronics STFLWARP11PG Datasheet HTML 8Page - STMicroelectronics STFLWARP11PG Datasheet HTML 9Page - STMicroelectronics STFLWARP11PG Datasheet HTML 10Page - STMicroelectronics STFLWARP11PG Datasheet HTML 11Page - STMicroelectronics STFLWARP11PG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
by the configuration in accordance with the antece-
dent part of the fuzzy rules. The duration of the
fuzzification process depends from the chosen
configuration and the input number.
Inference Unit. Thanks to the Theta Operator, the
Inference Unit generates the THETA weights which
are used to manipulate the consequent MFs.
This is a calculation of the maximum and/or mini-
mum performed on ALPHA values according to the
logical connectives of fuzzy rules. It is possible to
utilize the AND/OR connectives and to directly ex-
ploit ALPHA weights or the negated values. The
number of THETA weights depends on the number
of rules.
The rules can have at maximum four ALPHA
weights (however they are connected). Two or
more rules can be only joined with the OR connec-
tive.
Inference Unit structure is shown in figure 5.
Defuzzifier. It generates the output crisp values
implementing the consequent part of the rules ac-
cording to MAX-DOT method.
In this method consequent MFs are multiplied by a
weight value
Ω (OMEGA), which is calculated on
the basis of antecedent MFs and logical operators.
All the terms needed to evaluate sums in numerator
and denominator of center of gravity equation (see
formula) are stored during the off-line phase.
The processing of fuzzy rules produces, for each
output variable, a resulting membership function.
Each MF related to the processed output variable
is firstly modified by a rule weight in accordance to
MAX-DOT method.
Output value (X) is deduced from the centroids (xi)
and the modified MFs (
i *Ai) by using the formula:
X
=
1
n
i ∗ A i ∗ x i
1
n
i ∗ A i
n = number of MFs defined for the Output Variable
Ai=MFi Area
xi=absciss of the MFi centroid
i =membership degree of the output MFi.
To represent a membership function related with
the THEN-part of a rule W.A.R.P. uses a single
memory bench. For each consequent MF each
memory word contains both the area multiplied with
the barycentre and the area itself. This area is
related to the first truth level (there are 16 truth
levels (4 bit), so a multiplication with the calculated
THETA must be performed on-line.
Two parallel blocks calculate the numerator and
denominator values to implement the centroids
formula. A final division block calculates the output
values (see figure 6).
Figure 6. Inference Unit Structure
8/19
W.A.R.P.1.1


Similar Part No. - STFLWARP11PG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFLWARP11PG-PL STMICROELECTRONICS-STFLWARP11PG-PL Datasheet
89Kb / 4P
   ADAPTIVE FUZZY MODELLER
More results

Similar Description - STFLWARP11PG

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
PK135 XILINX-PK135 Datasheet
74Kb / 2P
   Average Weight: 11.2g
PK232 XILINX-PK232 Datasheet
150Kb / 2P
   Average Weight: 0.2450g
PK233 XILINX-PK233 Datasheet
241Kb / 3P
   Average Weight: 0.232g
PK397 XILINX-PK397 Datasheet
242Kb / 3P
   Average Weight: 11.0927g
PK672 XILINX-PK672 Datasheet
55Kb / 3P
   Average Weight: 2.154g
PK666 XILINX-PK666 Datasheet
72Kb / 3P
   Average Weight: 2.000g
PK520 XILINX-PK520 Datasheet
104Kb / 2P
   Average Weight: 0.7690g
PK558 XILINX-PK558 Datasheet
68Kb / 3P
   Average Weight: 24.9750g
PK222 XILINX-PK222 Datasheet
260Kb / 1P
   Average Weight :5.633g
PK226 XILINX-PK226 Datasheet
257Kb / 1P
   Average Weight :9.7816g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com