Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C32X2-MCC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS80C32X2-MCC
Description  8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C32X2-MCC Datasheet(HTML) 4 Page - ATMEL Corporation

  TS80C32X2-MCC Datasheet HTML 1Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 2Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 3Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 4Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 5Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 6Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 7Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 8Page - ATMEL Corporation TS80C32X2-MCC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
TS8xCx2X2
4184I–8051–02/08
Reserved
Table 2. All SFRs with their address and their reset value
Bit
Addressable
Non Bit Addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8
h
DFh
D0
h
PSW
0000 0000
D7h
C8
h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0
h
C7h
B8h
IP
XX00 0000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IPH
XX00 0000
B7h
A8h
IE
0X00 0000
SADDR
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX XXX0
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XXXXXXX0
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F


Similar Part No. - TS80C32X2-MCC

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2-MCCB TEMIC-TS80C32X2-MCCB Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-MCCD TEMIC-TS80C32X2-MCCD Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-MCCR TEMIC-TS80C32X2-MCCR Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
More results

Similar Description - TS80C32X2-MCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com