Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6YN-12 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 6YN-12
Description  SMD Tunable Hi-Q RF Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

6YN-12 Datasheet(HTML) 1 Page - Frontier Electronics.

  6YN-12 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Tunable RF Inductors—6YN-series
Rev. E
June 15, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Tunable Hi-Q RF Inductors—6YN-Series
A. Electrical specification:
Color Code
P/N
L Min.
(nH)
L Nom.
(nH)
L Max. (nH)
Test Freq.
(MHz)
Q (Min.)
@L max.
SRF Min.
(MHz)
DCR
(m
Ω Max.)
1st
2nd
6YN-01
21
22.5
24
50
120
1150
5.0
Black
Brown
6YN-02
42
45
48
50
115
1100
7.0
Black
Red
6YN-03
68
74
80
25.2
110
900
8.5
Black
Orange
6YN-04
108
121
146
25.2
98
750
10.0
Black
Yellow
6YN-05
124
151
178
25.2
93
550
12.0
Black
Green
6YN-06
230
285
340
25.2
78
450
13.5
Black
Blue
6YN-07
248
300
352
25.2
75
400
16.0
Black
Violet
6YN-08
270
335
400
25.2
70
325
17.0
Black
Gray
6YN-09
325
400
485
25.2
65
325
18.0
Black
Black
6YN-11
18
20
22
50
105
1500
5.0
Brown
Brown
6YN-12
35
39
43
50
100
1125
7.0
Brown
Red
6YN-13
54
61
68
25.2
120
900
8.5
Brown
Orange
6YN-14
75
88
101
25.2
120
675
10.0
Brown
Yellow
6YN-15
98
126
154
25.2
120
525
12.0
Brown
Green
6YN-16
140
175
200
25.2
115
475
13.5
Brown
Blue
6YN-17
165
215
265
25.2
88
375
16.0
Brown
Violet
6YN-18
220
285
350
25.2
80
325
17.0
Brown
Gray
6YN-19
260
345
430
25.2
80
300
18.0
Brown
Black
B. Mechanical dimensions: (Unit: mm)
C. General Information:
1.
Excellent temperature coefficient for 6YN-11 to 6YN-19.
2.
Special selected two core materials produce Hi-Q performance.
3.
For high frequency operation up to 1.0 GHz.
4.
SMT tunable inductors with flattop for pick & place.
5.
L measured with HP 4291B meter and HP-16193A fixture.
6.
L Min. measured with core two turns inside the form.
7.
Operating temperature: -25ºC to +125ºC.
8.
Storage temperature: -40ºC to +125ºC.
9.
Q measured @ L max value using HP4191A with HP16092A test fixture.
10. SRF measured without core using Scalar Analyzer.
D.
RoHS compliant.
4.45
6.10 mm
8.30 mm
6.00 mm
0.85 Typ.
1.5 Typ.
2 places
3.0 Typ.
Pad layout
Color Dot
1st, 2nd


Similar Description - 6YN-12

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
logo
Coilcraft lnc.
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
logo
AVX Corporation
HLQ02XXXXTTR AVX-HLQ02XXXXTTR Datasheet
176Kb / 2P
   MLOTM Hi-Q Inductors
logo
Yantel Corporation
1331 YANTEL-1331 Datasheet
137Kb / 2P
   SMD RF Manual Tunable Inductor
1334 YANTEL-1334 Datasheet
125Kb / 2P
   SMD RF Manual Tunable Inductor
2615 YANTEL-2615 Datasheet
133Kb / 2P
   SMD RF Manual Tunable Inductor
2711 YANTEL-2711 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
2712 YANTEL-2712 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com