Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210SDF Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1210SDF
Description  SMD Square Drum Ferrite-core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210SDF Datasheet(HTML) 1 Page - Frontier Electronics.

  1210SDF Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Choke: P/N 1210SDF series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Square Drum Ferrite-core Inductors—1210SDF series
A.
Electrical specifications:
Part No.
Mark
L (uH)
Tolerance
Test Freq.
(@ 0.1V rms.)
SRF Min
(MHz)
DCR Max.
(
Ω)
IDC Max.
(mA)
1210SDF-1R0
1R0
1.0
M
100 KHz
180.0
0.078
1000
1210SDF-2R2
2R2
2.2
M
100 KHz
170.0
0.126
790
1210SDF-4R7
4R7
4.7
M, K
100 KHz
98.0
0.195
650
1210SDF-100
100
10
M, K
100 KHz
77.0
0.572
450
1210SDF-150
150
15
M, K
100 KHz
64.0
0.754
300
1210SDF-220
220
22
M, K
100 KHz
32.0
0.923
250
1210SDF-470
470
47
K, J
100 KHz
24.0
2.20
170
1210SDF-101
101
100
K, J
100 KHz
18.0
4.55
100
1210SDF-221
221
220
K, J
100 KHz
11.0
10.92
70
1210SDF-331
331
330
K, J
100 KHz
10.5
13.00
60
1210SDF-391
391
390
K, J
100 KHz
9.0
22.10
60
1210SDF-471
471
470
K, J
100 KHz
7.5
24.70
60
1210SDF-561
561
560
K, J
100 KHz
5.5
28.60
60
B.
Mechanical dimensions: (Unit: mm)
SERIES
A
B
C
D
E
F
Type
1210SDF
3.2 ± 0.30
2.5 ± 0.20
2.0 ± 0.25
1.3 ± 0.20
0.9 ± 0.30
2.3 Ref.
2
Type 2
C.
Feature:
1. Tolerance: J = ± 5%, K = ± 10%, M = ± 20%.
2. Operating temperature: -25ºC TO +85ºC.
3. Electrical specifications at +25ºC.
4. Inductance measured on the HP4284A LCR meter.
5. DCR measured on the 502BC milli-ohm meter.
6. Inductance drops no more than 10% at rated I sat.
7. Temperature rises Δ t < 15ºC (Typical) at rated I rms.
8. Suitable for IR re-flows soldering.
9. Tape and reel packing.
10. Murata P/N LQH32CN_53 series compatible.
11. RoHS compliant.
D. Applications:
Power supply line choke.
DC-DC Converters.
Notebooks.
Filters.
Telecommunications devices.
Special specifications are available for customer’s requirement.


Similar Part No. - 1210SDF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210SDF FRONTIER-1210SDF Datasheet
121Kb / 5P
   Tape and Reel Specifications
1210SDF-100 FRONTIER-1210SDF-100 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1210SDF-101 FRONTIER-1210SDF-101 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1210SDF-151 FRONTIER-1210SDF-151 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1210SDF-1R0 FRONTIER-1210SDF-1R0 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
More results

Similar Description - 1210SDF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210SDF FRONTIER-1210SDF_15 Datasheet
118Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1210SDF-1R0 FRONTIER-1210SDF-1R0 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF_15 Datasheet
128Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1812SDF FRONTIER-1812SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF-R12 FRONTIER-2220SDF-R12 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1206SDF FRONTIER-1206SDF Datasheet
96Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1206SDF-R12 FRONTIER-1206SDF-R12 Datasheet
102Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com