Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC51RA-125.00 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # AC51RA-125.00
Description  14 PIN DIP CMOS TRI-STATE CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

AC51RA-125.00 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  AC51RA-125.00 Datasheet HTML 1Page - Connor-Winfield Corporation AC51RA-125.00 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
www.conwin.com
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor Winfield AC51RA
and AC54RA are 3.3V Tri-State
CMOS / TTL Compatible
Crystal Controlled Oscillators
(XO). The AC51RA and
AC54RA are designed for
applications requiring high
frequency precision clocks.
1
2
AC51RA
- 125.00 MHz
ACMOS
CLOCK
SERIES
CENTER
FREQUENCY
3.3V OPERATION
FREQUENCY RANGE:
70MHz TO 160 MHZ
TEMPERATURE RANGE:
0 TO 70°C
OVERALL FREQUENCY
TOLERANCE:
AC51RA - +/-25PPM.
AC54RA - +/-20PPM.
TRI-STATE ENABLE / DISABLE
FUNCTION
HERMETICALLY SEALED
PACKAGE.
14 PIN DIP CMOS TRI-STATE CLOCK
OSCILLATOR
AC51RA
AC54RA
Ac114
05
11/18/05
ORDERING INFORMATION
FEATURES
DESCRIPTION
CW 0520
AC51RA
125.00M
ABSOLU TE MAX IMUM R ATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
MODEL SPECIFICATIONS :
TABLE 2.0
MODEL AC51RA
Frequency Range
(Fo)
70
-
160
MHz
Frequency Tolerance:
-25
-
25
ppm
1
MODEL AC54RA
Frequency Range
(Fo)
70
-
160
MHz
Frequency Tolerance:
-20
-
20
ppm
1
OPERATING SPECIFIC ATIONS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.300
3.465
Vdc
Supply Current
(Icc)
-
-
35
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-140
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Enable Voltage (High)
(Vih)
2.1
-
-
Vdc
2
Disable Voltage (Low)
(Vil)
-
-
0.8
Vdc
Enable / Disable Time
-
-
100
nS
CMOS OUTPUT CHARACTERISTICS
TABLE 5.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.90
-
-
Vdc
(Low)
(Vol)
-
-
0.44
Vdc
Current
(High)
(Ioh)
-4.0
-
-
mA
(Low)
(Ioh)
-
-
4.0
mA
Duty Cycle measured @ 1.5V
45
50
55
%
Rise / Fall Time measured from 10% to 90%
-
-
2
nS
Start Up Time
-
-
10
mS
3
Note:
1) Inclusive of calibration, frequency vs. t emperature stability, supply vol tage change, load
change, shock and vibration, 10 years ag ing.
2) Oscillator output is enabled with no co nnection on pin1.
3) WARNING! Do not insert oscillator into a hot circuit. Failure to comply wil l result in
damage to oscillator.
PACKAG E CHARACTERISTICS
TABLE 6.0
Package
Hermetically sealed, metal package.


Similar Part No. - AC51RA-125.00

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results

Similar Description - AC51RA-125.00

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
S51RG5 CONNOR-WINFIELD-S51RG5 Datasheet
192Kb / 1P
   5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
H51RL CONNOR-WINFIELD-H51RL Datasheet
190Kb / 1P
   5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
H54RA CONNOR-WINFIELD-H54RA Datasheet
245Kb / 1P
   3.3V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
AC73 CONNOR-WINFIELD-AC73 Datasheet
190Kb / 1P
   14 PIN DIP ACMOS CLOCK OSCILLATOR
logo
Wolfgang Knap
NFB WK-NFB Datasheet
70Kb / 1P
   14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Connor-Winfield Corpora...
A54R CONNOR-WINFIELD-A54R Datasheet
202Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A54RG CONNOR-WINFIELD-A54RG Datasheet
209Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A64RG CONNOR-WINFIELD-A64RG Datasheet
209Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
A61RA CONNOR-WINFIELD-A61RA Datasheet
200Kb / 2P
   8 Pin DIP Tri-State ACMOS Clock Oscillators
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com