Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL28L92 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TL28L92
Description  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 36Page - Texas Instruments TL28L92 Datasheet HTML 37Page - Texas Instruments TL28L92 Datasheet HTML 38Page - Texas Instruments TL28L92 Datasheet HTML 39Page - Texas Instruments TL28L92 Datasheet HTML 40Page - Texas Instruments TL28L92 Datasheet HTML 41Page - Texas Instruments TL28L92 Datasheet HTML 42Page - Texas Instruments TL28L92 Datasheet HTML 43Page - Texas Instruments TL28L92 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
3.3.10 Input Port Change Register (IPCR)
3.3.11 Interrupt Status Register (ISR)
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Table 3-51. ACR[6:4] Field Definition(1)
ACR[6:4]
MODE
CLOCK SOURCE
000
Counter
External IP2
001
Counter
TxCA – 1
× clock of channel A transmitter
010
Counter
TxCB – 1
× clock of channel B transmitter
011
Counter
Crystal or external clock (X1/CLK) divided by 16
100
Timer
External (IP2)
101
Timer
External (IP2) divided by 16
110
Timer
Crystal or external clock (X1/CLK)
111
Timer
Crystal or external clock (X1/CLK) divided by 16
(1)
The timer mode generates a square wave.
Table 3-52. Input Port Change Register (IPCR) (Address 0x4) Bit Allocation
7
6
5
4
3
2
1
0
ΔIP3
ΔIP2
ΔIP1
ΔIP0
state of IP3
state of IP2
state of IP1
state of IP0
Table 3-53. Input Port Change Register (IPCR) (Address 0x4) Bit Description
BIT(S)
SYMBOL
DESCRIPTION
7 to 4
IP3, IP2, IP1 and IP0 change of state.
0 = no change
1 = change
These bits are set when a change of state, as defined in Section 2.2.9, occurs at the respective input pins.
They are cleared when the IPCR is read by the CPU. A read of the IPCR also clears ISR[7], the input
change bit in the interrupt status register. The setting of these bits can be programmed to generate an
interrupt to the CPU.
3 to 0
IP3, IP2, IP1 and IP0 state.
0 = LOW
1 = HIGH
These bits provide the current state of the respective inputs. The information is unlatched and reflects the
state of the input pins at the time the IPCR is read.
This register provides the status of all potential interrupt sources. The contents of this register are masked
by the Interrupt Mask Register (IMR). If a bit in the ISR is a logic 1 and the corresponding bit in the IMR is
also a logic 1, the INTRN output will be asserted (LOW). If the corresponding bit in the IMR is a zero, the
state of the bit in the ISR has no effect on the INTRN output. Note that the IMR does not mask the reading
of the ISR. The true status will be provided regardless of the contents of the IMR. The contents of this
register are initialized to 0x0 when the DUART is reset.
Table 3-54. Interrupt Status Register (ISR) (Address 0x5) Bit Allocation
7
6
5
4
3
2
1
0
change input
change break
RxRDYB
TxRDYB
counter ready
change break A
RxRDYA
TxRDYA
port
B
Programming
40
Submit Documentation Feedback


Similar Part No. - TL28L92

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284 TI-TL284 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Exar Corporation
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com