Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL28L92 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL28L92
Description  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 17Page - Texas Instruments TL28L92 Datasheet HTML 18Page - Texas Instruments TL28L92 Datasheet HTML 19Page - Texas Instruments TL28L92 Datasheet HTML 20Page - Texas Instruments TL28L92 Datasheet HTML 21Page - Texas Instruments TL28L92 Datasheet HTML 22Page - Texas Instruments TL28L92 Datasheet HTML 23Page - Texas Instruments TL28L92 Datasheet HTML 24Page - Texas Instruments TL28L92 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
2.3.6
Receiver Reset and Disable
2.3.7
Watchdog
2.3.8
Receiver Time-Out Mode
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
If the FIFO is full when a new character is received, that character is held in the receive shift register until
a FIFO position is available. If an additional character is received while this state exits, the contents of the
FIFO are not affected; the character previously in the shift register is lost and the overrun error status bit
(SR[4]) will be set upon receipt of the start bit of the new (overrunning) character.
The receiver can control the deactivation of RTS. If programmed to operate in this mode, the RTSN output
will be negated when a valid start bit was received and the FIFO is full. When a FIFO position becomes
available, the RTSN output will be reasserted (set LOW) automatically. This feature can be used to
prevent an overrun, in the receiver, by connecting the RTSN output to the CTSN input of the transmitting
device.
If the receiver is disabled, the FIFO characters can be read. However, no additional characters can be
received until the receiver is enabled again. If the receiver is reset, the FIFO and all of the receiver status,
and the corresponding output ports and interrupt are reset. No additional characters can be received until
the receiver is enabled again.
Receiver disable stops the receiver immediately. Data being assembled in the receiver shift register is
lost. Data and status in the FIFO is preserved and may be read. A re-enable of the receiver after a disable
will cause the receiver to begin assembling characters at the next start bit detected.
A receiver reset will discard the present shift register date, reset the receiver ready bit (RxRDY), clear the
status of the byte at the top of the FIFO and realign the FIFO read/write pointers.
A watchdog timer is associated with each receiver. Its interrupt is enabled by MR0[7]. The purpose of this
timer is to alert the control processor that characters are in the Rx FIFO which have not been read. This
situation may occur at the end of a transmission when the last few characters received are not sufficient to
cause an interrupt.
This counter times out after 64 bit times. It is reset each time a character is transferred from the receiver
shift register to the Rx FIFO or a read of the Rx FIFO is executed.
In addition to the watchdog timer described in the receiver section, the counter/timer may be used for a
similar function. Its programmability, of course, allows much greater precision of time-out intervals.
The time-out mode uses the received data stream to control the counter. Each time a received character
is transferred from the shift register to the Rx FIFO, the counter is restarted. If a new character is not
received before the counter reaches zero count, the counter ready bit is set, and an interrupt can be
generated. This mode can be used to indicate when data has been left in the Rx FIFO for more than the
programmed time limit. Otherwise, if the receiver has been programmed to interrupt the CPU when the
receive FIFO is full, and the message ends before the FIFO is full, the CPU may not know there is data
left in the FIFO. The CTU and CTL value would be programmed for just over one character time, so that
the CPU would be interrupted as soon as it has stopped receiving continuous data. This mode can also be
used to indicate when the serial line has been marking for longer than the programmed time limit. In this
case, the CPU has read all of the characters from the FIFO, but the last character received has started the
count. If there is no new data during the programmed time interval, the counter ready bit will get set, and
an interrupt can be generated.
The time-out mode is enabled by writing the appropriate command to the command register. Writing 0xA
to CRA or CRB will invoke the time-out mode for that channel. Writing 0xC to CRA or CRB will disable the
time-out mode. The time-out mode should only be used by one channel at once, since it uses the C/T. If,
however, the time-out mode is enabled from both receivers, the time-out will occur only when both
receivers have stopped receiving data for the time-out period. CTU and CTL must be loaded with a value
greater than the normal receive character period. The time-out mode disables the regular start counter or
stop counter commands and puts the C/T into counter mode under the control of the received data
Submit Documentation Feedback
Functional Description
21


Similar Part No. - TL28L92

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284 TI-TL284 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Exar Corporation
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com