Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL28L92 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TL28L92
Description  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 28Page - Texas Instruments TL28L92 Datasheet HTML 29Page - Texas Instruments TL28L92 Datasheet HTML 30Page - Texas Instruments TL28L92 Datasheet HTML 31Page - Texas Instruments TL28L92 Datasheet HTML 32Page - Texas Instruments TL28L92 Datasheet HTML 33Page - Texas Instruments TL28L92 Datasheet HTML 34Page - Texas Instruments TL28L92 Datasheet HTML 35Page - Texas Instruments TL28L92 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Table 3-32. Baud Rate (Based on a 3.6864 MHz Crystal Clock)(1)
CSR[7:4]
MR0[0] = 0 (NORMAL MODE)
MR0[0] = 1 (EXTENDED MODE I)
MR0[2] = 1 (EXTENDED MODE II)
CSR[3:0]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0000
50
75
300
450
4,800
7,200
0001
110
110
110
110
880
880
0010
134.5
134.5
134.5
134.5
1,076
1,076
0011
200
150
1200
900
19.200
14.400
0100
300
300
1800
1800
28.800
28.800
0101
600
600
3600
3600
57.600
57.600
0110
1,200
1,200
7,200
7,200
115,200
115,200
0111
1,050
2,000
1,050
2,000
1,050
2,000
1000
2,400
2,400
14,400
14,400
57,600
57,600
1001
4,800
4,800
28,800
28,800
4,800
4,800
1010
7,200
1,800
7,200
1,800
57,600
14,400
1011
9,600
9,600
57,600
57,600
9,600
9,600
1100
38,400
19,200
230,400
115,200
38,400
19,200
1101
Timer
Timer
Timer
Timer
Timer
Timer
(1)
See Table 3-33 for bit rate characteristics.
Table 3-33. Bit Rate Generator Characteristics(1)(2)
NORMAL RATE (BAUD)
ACTUAL 16
× CLOCK (kHz)
ERROR (%)
50
0.8
0
75
1.2
0
110
1.759
–0.069
134.5
2.153
0.059
150
2.4 0
0
200
3.2
0
300
4.8
0
600
9.6
0
1050
16.756
–0.260
1200
19.2
0
1800
28.8
0
2000
32.056
0.175
2400
38.4
0
4800
76.8
0
7200
115.2
0
9600
153.6
0
19200
307.2
0
38400
614.4
0
(1)
Crystal or clock = 3.6864 MHz.
(2)
Duty cycle of 16
× clock is 50% ± 1%.
Programming
32
Submit Documentation Feedback


Similar Part No. - TL28L92

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284 TI-TL284 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Exar Corporation
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com