Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F640J5-150 Datasheet(PDF) 8 Page - Intel Corporation

Part # DA28F640J5-150
Description  5 Volt Intel StrataFlash짰 Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F640J5-150 Datasheet(HTML) 8 Page - Intel Corporation

Back Button DA28F640J5-150 Datasheet HTML 4Page - Intel Corporation DA28F640J5-150 Datasheet HTML 5Page - Intel Corporation DA28F640J5-150 Datasheet HTML 6Page - Intel Corporation DA28F640J5-150 Datasheet HTML 7Page - Intel Corporation DA28F640J5-150 Datasheet HTML 8Page - Intel Corporation DA28F640J5-150 Datasheet HTML 9Page - Intel Corporation DA28F640J5-150 Datasheet HTML 10Page - Intel Corporation DA28F640J5-150 Datasheet HTML 11Page - Intel Corporation DA28F640J5-150 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
28F320J5 and 28F640J5
8
Datasheet
Three CE pins are used to enable and disable the device. A unique CE logic design (see Table 2,
“Chip Enable Truth Table” on page 12) reduces decoder logic typically required for multi-chip
designs. External logic is not required when designing a single chip, a dual chip, or a 4-chip
miniature card or SIMM module.
The BYTE# pin allows either x8 or x16 read/writes to the device. BYTE# at logic low selects 8-bit
mode; address A0 selects between the low byte and high byte. BYTE# at logic high enables 16-bit
operation; address A1 becomes the lowest order address and address A0 is not used (don’t care). A
device block diagram is shown in Figure 1.
When the device is disabled (see Table 2 on page 12)and the RP# pinis at VCC, the standby mode
is enabled. When the RP# pin is at GND, a further power-down mode is enabled which minimizes
power consumption and provides write protection during reset. A reset time (tPHQV) is required
from RP# switching high until outputs are valid. Likewise, the device has a wake time (tPHWL)
from RP#-high until writes to the CUI are recognized. With RP# at GND, the WSM is reset and the
status register is cleared.
The Intel StrataFlash memory devices are available in several package types. The 64-Mbit is
available in 56-lead SSOP (Shrink Small Outline Package) and µBGA* package (micro Ball Grid
Array). The 32-Mbit is available in 56-lead TSOP (Thin Small Outline Package) and 56-lead
SSOP. Figures 2, 3, and 4 show the pinouts.
Figure 1. Intel StrataFlash® Memory Block Diagram
32-Mbit: Thirty-two
64-Mbit: Sixty-four
128-Kbyte Blocks
Input Buffer
Y-Gating
Program/Erase
Voltage Switch
Data
Comparator
Status
Register
Identifier
Register
I/O Logic
Address
Latch
Address
Counter
X-Decoder
Y-Decoder
Input Buffer
Output Buffer
GND
V
CC
V
PEN
CE
0
CE
1
CE
2
WE#
OE#
RP#
BYTE#
Command
User
Interface
32-Mbit: A
0-A21
64-Mbit: A
0- A22
DQ
0 -DQ15
V
CC
Write State
Machine
Multiplexer
Query
STS
V
CCQ
CE
Logic


Similar Part No. - DA28F640J5-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F640J5-150 INTEL-DA28F640J5-150 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results

Similar Description - DA28F640J5-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com