Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7Z26 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 7Z26
Description  TinyLogic짰UHS Buffer with 3-STATE Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7Z26 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 7Z26 Datasheet HTML 4Page - Fairchild Semiconductor 7Z26 Datasheet HTML 5Page - Fairchild Semiconductor 7Z26 Datasheet HTML 6Page - Fairchild Semiconductor 7Z26 Datasheet HTML 7Page - Fairchild Semiconductor 7Z26 Datasheet HTML 8Page - Fairchild Semiconductor 7Z26 Datasheet HTML 9Page - Fairchild Semiconductor 7Z26 Datasheet HTML 10Page - Fairchild Semiconductor 7Z26 Datasheet HTML 11Page - Fairchild Semiconductor 7Z26 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ126 Rev. 1.10.0
9
Physical Dimensions
Figure 4. 5-Lead SOT23, JEDEC MO-178, 1.6mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
5
1
4
3
2
LAND PATTERN RECOMMENDATION
B
A
L
C
0.10 C
0.20
C A B
0.60 REF
0.55
0.35
SEATING PLANE
0.25
GAGE PLANE
NOTES: UNLESS OTHEWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MO-178, ISSUE B, VARIATION AA,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
1.45 MAX
1.30
0.90
0.15
0.05
1.90
0.95
0.50
0.30
3.00
2.60
1.70
1.50
3.00
2.80
C
0.95
0.95
2.60
0.70
1.00
SEE DETAIL A
0.22
0.08
C) MA05Brev5
TOP VIEW
(0.30)


Similar Description - 7Z26

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G125 PERICOM-PI74ST1G125 Datasheet
556Kb / 6P
   Buffer with 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
logo
Pericom Semiconductor C...
PI74ST1G126 PERICOM-PI74ST1G126 Datasheet
336Kb / 5P
   Logic Buffer with 3-State Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com