Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5925IDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IDWR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5925IDWR Datasheet(HTML) 5 Page - Texas Instruments

  TLC5925IDWR Datasheet HTML 1Page - Texas Instruments TLC5925IDWR Datasheet HTML 2Page - Texas Instruments TLC5925IDWR Datasheet HTML 3Page - Texas Instruments TLC5925IDWR Datasheet HTML 4Page - Texas Instruments TLC5925IDWR Datasheet HTML 5Page - Texas Instruments TLC5925IDWR Datasheet HTML 6Page - Texas Instruments TLC5925IDWR Datasheet HTML 7Page - Texas Instruments TLC5925IDWR Datasheet HTML 8Page - Texas Instruments TLC5925IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings
Power Dissipation and Thermal Impedance
TLC5925
www.ti.com .............................................................................................................................................................................................. SLVS765 – OCTOBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
0
7
V
VI
Input voltage
–0.4
VDD + 0.4
V
VO
Output voltage
–0.5
20
V
IOUT
Output current
45
mA
IGND
GND terminal current
750
mA
TA
Free-air operating temperature range
–40
125
°C
TJ
Operating junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
MIN
MAX
UNIT
DBQ package
1.6
Mounted on JEDEC 4-layer board (JESD 51-7),
PD
Power dissipation
DW package
2.2
W
No airflow, TA = 25°C, TJ = 125°C
PW package
1.1
DBQ package
99.8
Mounted on JEDEC 1-layer board (JESD 51-3),
DW package
80.5
No airflow
PW package
118.8
Thermal impedance,
θ
JA
°C/W
junction to free air
DBQ package
61.0
Mounted on JEDEC 4-layer board (JESD 51-7),
DW package
45.5
No airflow
PW package
87.9
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5925


Similar Part No. - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDWR TI-TLC5925IDWR Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWR TI1-TLC5925IDWR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI1-TLC5925IDWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
More results

Similar Description - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com