Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5927 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5927
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5927 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5927 Datasheet HTML 2Page - Texas Instruments TLC5927 Datasheet HTML 3Page - Texas Instruments TLC5927 Datasheet HTML 4Page - Texas Instruments TLC5927 Datasheet HTML 5Page - Texas Instruments TLC5927 Datasheet HTML 6Page - Texas Instruments TLC5927 Datasheet HTML 7Page - Texas Instruments TLC5927 Datasheet HTML 8Page - Texas Instruments TLC5927 Datasheet HTML 9Page - Texas Instruments TLC5927 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Absolute Maximum Ratings
Power Dissipation and Thermal Impedance
Recommended Operating Conditions
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
0
7
V
VI
Input voltage
–0.4
VDD + 0.4
V
VO
Output voltage
–0.5
20
V
IOUT
Output current
120
mA
IGND
GND terminal current
1920
mA
TA
Free-air operating temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
Electrostatic-Discharge Capability V(HBMESD) (100 pF,
ESD
2
kV
1.5 k
Ω)
MIN
MAX
UNIT
DBQ package
1.6
Mounted on JEDEC 4-layer board (JESD 51-7),
DW package
2.2
No airflow, TA = 25°C, TJ = 125°C
PD
Power dissipation
W
PWP package
2.3
Mounted on JEDEC 4-layer board (JESD 51-5),
PWP package
2.9
No airflow, TA = 25°C, TJ = 125°C
DBQ package
99.8
Mounted on JEDEC 1-layer board (JESD 51-3),
DW package
80.5
No airflow
PWP package
63.9
Thermal impedance,
DBQ package
61.0
θ
JA
°C/W
Mounted on JEDEC 4-layer board (JESD 51-7),
junction to free air
DW package
45.5
No airflow
PWP package
42.7
Mounted on JEDEC 4-layer board (JESD 51-5),
PWP package
34.5
No airflow
θ
JP
Thermal impedance, junction to pad
PWP package
2.0
°C/W
over operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
5.5
V
VO
Supply voltage to the output pins
OUT0–OUT15
17
V
VO ≥ 0.6 V
5
IO
Output current
DC test circuit
mA
VO ≥ 1 V
120
IOH
High-level output current
SDO
–1
mA
IOL
Low-level output current
SDO
1
mA
VIH
High-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0.7 × VDD
VDD
V
VIL
Low-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0
0.3 × VDD
V
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927


Similar Part No. - TLC5927

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5927 TI-TLC5927 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927-Q1 TI1-TLC5927-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
TLC5927IDBQR TI-TLC5927IDBQR Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IDBQR TI1-TLC5927IDBQR Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5927IDBQRG4 TI-TLC5927IDBQRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5927

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com