Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLUS785D Datasheet(PDF) 2 Page - Texas Instruments

Part # SLUS785D
Description  bq27500 Errata (SLUS785)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLUS785D Datasheet(HTML) 2 Page - Texas Instruments

  SLUS785D Datasheet HTML 1Page - Texas Instruments SLUS785D Datasheet HTML 2Page - Texas Instruments SLUS785D Datasheet HTML 3Page - Texas Instruments SLUS785D Datasheet HTML 4Page - Texas Instruments SLUS785D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4
bq27500 Firmware Revision and Errata List
bq27500 Firmware Revision and Errata List
www.ti.com
Firmware
Shipment Form
IC Lot Codes
Discrepencies
Revision
v1.00
Samples
A207, A20E
1.
The BAT_GD pin does not operate properly based on temperature.
EVMs (sampled or
• SLUS785D data sheet: The BAT_GD pin and the CHG_INH bit in
purchased)
the Flags () register are to change state based on the values
programmed in data flash (Charge Inhibit Temp Low and Charge
Inhibit Temp High) as described in Table 4-4 of section 5.3.4.
• Operation: The BAT_GD pin and CHG_INH bit are not influenced
by the data flash values Charge Inhibit Temp Low and Charge
Inhibit Temp High. The BAT_GD pin changes state when
temperature exceeds the value programmed in data flash OT Chg.
2.
The XCHG bit does not operate properly.
• SLUS785D data sheet: The XCHG bit is set when the temperature
falls outside the range set by the data flash values Suspend Temp
Low and Suspend Temp High as described in Table 4-4.
• Operation: The XCHG bit is not influenced by the data flash
Suspend Temp Low and Suspend Temp High values.
The affected material can be identified by the lot code
3.
The part may not enter SLEEP Mode when discharge current is less
on the bq27500 IC in the location shown in Figure 1.
than Sleep Current and greater than 0.
• SLUS785D data sheet: SLEEP mode is entered automatically if the
feature is enabled (Operation Configuration [SLEEP] = 1) and
AverageCurrent () is below the programmable level Sleep Current.
• Operation: The part may not enter Sleep mode.
4.
Fuel gauging with Load Mode = 1 (indicating the constant power
model) does not operate properly.
• SLUS785D data sheet: Section 5.2.1 allows the selection of a
constant current fuel gauge model or constant power fuel gauge
model.
• Operation: Only the constant current fuel gauge model operates
(Load Mode = 0) properly. For the bq27500, this is the
recommended configuration.
5.
Wake from HIBERNATE mode may require multiple communication
attempts.
• SLUS785D data sheet: Section 5.7.4. The gauge remains in
HIBERNATE mode until the battery is removed or the system
issues a direct I2C command to the gauge.
• Operation: Wake from HIBERNATE mode requires multiple direct
communication attempts.
6.
The part may not enter HIBERNATE mode with [HIBERNATE] = 1 in
CONTROL_STATUS
• SLUS785D data sheet: Section 5.7.4. The gauge enters
HIBERNATE when HIBERNATE = 1 in CONTROL_STATUS
register and a valid OCV measurement is taken AND the current
• Operation: The HIBERNATE bit will clear if the battery is not in a
relaxed state preventing entry into HIBERNATE mode.
2
bq27500 Errata (SLUS785)
SLUZ015B – October 2007 – Revised September 2008
Submit Documentation Feedback


Similar Part No. - SLUS785D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUS749 TI1-SLUS749 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
SLUS774 TI1-SLUS774 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
SLUS774 TI1-SLUS774 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Similar Description - SLUS785D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
logo
Microchip Technology
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
   Silicon Errata
2007
DSPIC33FJXXXGPXXX_0612 MICROCHIP-DSPIC33FJXXXGPXXX_0612 Datasheet
228Kb / 10P
   Silicon Errata
2006
logo
Motorola, Inc
MSE08AZ60_1J35D MOTOROLA-MSE08AZ60_1J35D Datasheet
60Kb / 4P
   Mask Set Errata
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
logo
Freescale Semiconductor...
MSE908JB8 FREESCALE-MSE908JB8 Datasheet
38Kb / 4P
   Mask Set Errata
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com