Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR4018-5R6Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR4018-5R6Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR4018-5R6Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR4018-5R6Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR4018-5R6Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
REV. 10/08
SRR4018 Series - Shielded SMD Power Inductors
Packaging Specifications
14.0 + 0
(.551 + 0)
16.5
(.650)
2.0
± 0.5
(.079
± .020)
50.0 - 0
(1.969 - 0)
178.0
(7.00)
DIA.
13.0
(.511)
DIA.
13.0
(.511)
DIA.
21.0
± 0.8
(.827
± .032)
DIMENSIONS:
MM
(INCHES)
START
END
4.0
(.157)
8.0
(.315)
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
USER DIRECTION OF FEED
6R8
6R8
6R8
6R8
QTY: 800 PCS. PER REEL
Electrical Schematic
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
LCR METER


Similar Part No. - SRR4018-5R6Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR4018-5R6Y BOURNS-SRR4018-5R6Y Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR4018-5R6Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com