Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5925IPWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IPWRG4
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5925IPWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5925IPWRG4 Datasheet HTML 1Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 2Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 3Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 4Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 5Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 6Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 7Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 8Page - Texas Instruments TLC5925IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
SDI
CLK
LE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
R-EXT
SDO
OE
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
DBQ, DW, OR PWP PACKAGE
(TOP VIEW)
TLC5925
www.ti.com .............................................................................................................................................................................................. SLVS765 – OCTOBER 2008
Terminal Descriptions
TERMINAL
DESCRIPTION
NAME
CLK
Clock input for data shift on rising edge
GND
Ground for control logic and current sink
Data strobe input
Serial data is transferred to the respective latch when LE is high.
LE
The data is latched when LE goes low.
LE has an internal pull-down resistor.
Output enable
When OE is active (low), the output drivers are enabled.
OE
When OE is high, all output drivers are turned OFF (blanked).
OE has an internal pullup resistor.
OUT0–OUT15
Constant-current outputs
R-EXT
Input used to connect an external resistor (Rext) for setting output currents
SDI
Serial-data input to the Shift register
SDO
Serial-data output to the following SDI of next driver IC or to the microcontroller
VDD
Supply voltage
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5925


Similar Part No. - TLC5925IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IPWRG4 TI-TLC5925IPWRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IPWRG4 TI1-TLC5925IPWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
More results

Similar Description - TLC5925IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com