Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5926IPWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPRG4
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5926IPWPRG4 Datasheet HTML 6Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 7Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 8Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 9Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 10Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 11Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 12Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 13Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Switching Characteristics
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1
Low-to-high propagation delay time, CLK to OUTn
35
65
105
ns
tPLH2
Low-to-high propagation delay time, LE(ED1) to OUTn
35
65
105
ns
tPLH3
Low-to-high propagation delay time, OE(ED2) to OUTn
35
65
105
ns
tPLH4
Low-to-high propagation delay time, CLK to SDO
20
45
ns
tPHL1
High-to-low propagation delay time, CLK to OUTn
200
300
470
ns
tPHL2
High-to-low propagation delay time, LE(ED1) to OUTn
200
300
470
ns
tPHL3
High-to-low propagation delay time, OE(ED2) to OUTn
200
300
470
ns
tPHL4
High-to-low propagation delay time, CLK to SDO
20
40
ns
tw(CLK)
Pulse duration, CLK
20
ns
VIH = VDD, VIL = GND,
tw(L)
Pulse duration LE(ED1)
20
ns
Rext = 360 Ω, VL = 4 V,
tw(OE)
Pulse duration, OE(ED2)
1000
ns
RL = 44 Ω, CL = 70 pF,
tw(ED2)
Pulse duration, OE(ED2) in Error Detection mode
2
µs
CG = 0.992
th(ED1,ED2)
Hold time, LE(ED1), and OE(ED2)
10
ns
th(D)
Hold time, SDI
5
ns
tsu(D,ED1,ED2) Setup time, SDI, LE(ED1), and OE(ED2)
7
ns
th(L)
Hold time, LE(ED1), Normal mode
18
ns
tsu(L)
Setup time, LE(ED1), Normal mode
18
ns
tr
Rise time, CLK(1)
500
ns
tf
Fall time, CLK(1)
500
ns
tor
Rise time, outputs (off)
245
ns
tof
Rise time, outputs (on)
600
ns
fCLK
Clock frequency
Cascade operation
30
MHz
(1)
If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two
cascaded devices.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927


Similar Part No. - TLC5926IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926IPWPRG4 TI-TLC5926IPWPRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926IPWPRG4 TI1-TLC5926IPWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
More results

Similar Description - TLC5926IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com