Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC8T245MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC8T245MPWREP
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC8T245MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC8T245MPWREP Datasheet HTML 1Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 2Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 3Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 4Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 5Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 6Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 7Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 8Page - Texas Instruments SN74LVC8T245MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
(1) (2)
SN74LVC8T245-EP
www.ti.com........................................................................................................................................................................................... SCES770 – DECEMBER 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
IOH = –24 mA,
VI = VIH
3 V
3 V
2.4
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 µA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
II
DIR
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
0 V
0 to 5.5 V
±1
±6
A or B
Ioff
VI or VO = 0 to 5.5 V
µA
port
0 to 5.5 V
0 V
±1
±6
A or B
VO = VCCO or GND,
IOZ
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
port
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
15
ICCA
VI = VCCI or GND,
IO = 0
5 V
0 V
15
µA
0 V
5 V
–2
1.65 V to 5.5 V
1.65 V to 5.5 V
15
ICCB
VI = VCCI or GND,
IO = 0
5 V
0 V
–2
µA
0 V
5 V
15
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
25
µA
One A port at VCCA – 0.6 V,
A port
50
DIR at VCCA, B port = open
ΔICCA
3 V to 5.5 V
3 V to 5.5 V
µA
DIR at VCCA – 0.6 V,
DIR
B port = open,
50
A port at VCCA or GND
One B port at VCCB – 0.6 V,
ΔICCB
B port
3 V to 5.5 V
3 V to 5.5 V
50
µA
DIR at GND, A port = open
Control
Ci
VI = VCCA or GND
3.3 V
3.3 V
4
5
pF
inputs
A or B
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
8.5
10
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC8T245-EP


Similar Part No. - SN74LVC8T245MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245MPWREP TI1-SN74LVC8T245MPWREP Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245MPWREP TI1-SN74LVC8T245MPWREP Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74LVC8T245MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com