Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1780DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1780DR
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1780DR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD1780DR Datasheet HTML 1Page - Texas Instruments SN65HVD1780DR Datasheet HTML 2Page - Texas Instruments SN65HVD1780DR Datasheet HTML 3Page - Texas Instruments SN65HVD1780DR Datasheet HTML 4Page - Texas Instruments SN65HVD1780DR Datasheet HTML 5Page - Texas Instruments SN65HVD1780DR Datasheet HTML 6Page - Texas Instruments SN65HVD1780DR Datasheet HTML 7Page - Texas Instruments SN65HVD1780DR Datasheet HTML 8Page - Texas Instruments SN65HVD1780DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
V
upto70V
FAULT
M0092-02
SN65HVD1780
SN65HVD1781
SN65HVD1782
www.ti.com ...................................................................................................................................... SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008
70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
These devices combine a differential driver and a
• Bus-Pin Fault Protection to > ±70 V
differential receiver, which operate from a single
• Operation With 3.3-V to 5-V Supply Range
power supply. The driver differential outputs and the
• ±16 kV HBM Protection on Bus Pins
receiver differential inputs are connected internally to
form a bus port suitable for half-duplex (two-wire bus)
• Reduced Unit Load for up to 320 Nodes
communication.
This
port
features
a
wide
• Failsafe Receiver for Open-Circuit,
common-mode voltage range, making the devices
Short-Circuit and Idle-Bus Conditions
suitable for multipoint applications over long cable
• Low Power Consumption
runs. These devices are characterized from –40°C to
125°C. These devices are pin-compatible with the
Low Standby Supply Current, 1
µA Max
industry-standard SN75176 transceiver, making them
ICC 4 mA Quiescent During Operation
drop-in upgrades in most systems.
• Pin-Compatible With Industry-Standard
These devices are fully compliant with ANSI TIA/EIA
SN75176
485-A with a 5-V supply and can operate with a 3.3-V
• Signaling Rates of 115 kbps, 1 Mbps, and up
supply
with
reduced
driver
output
voltage
for
to 10 Mbps
low-power
applications.
For
applications
where
operation
is
required
over
an
extended
common-mode
voltage
range,
see
the
• HVAC Networks
SN65HVD1785 (SLLS872) data sheet.
• Security Electronics
• Building Automation
• Telecomm Equipment
• Motion Control
• Industrial Networks
These devices are designed to survive overvoltage
faults such as direct shorts to power supplies,
mis-wiring faults, connector failures, cable crushes,
and tool mis-applications. The internal current-limit
circuits allow fault survivability without causing the
high bus currents that otherwise might damage
external components or power supplies. They are
also robust to ESD events, with high levels of
protection to the JEDEC or IEC human-body-model
Transceiver
Signaling Rate
Number of Nodes
specification.
HVD1780
Up to 115 kbps
Up to 320
HVD1781
Up to 1 Mbps
Up to 320
HVD1782
Up to 10 Mbps
Up to 64
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD1780DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780QDRQ1 TI1-SN65HVD1780QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1780DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com