Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC042A-223M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSC042A-223M
Description  SMD Power Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSC042A-223M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSC042A-223M Datasheet HTML 1Page - Frontier Electronics. CSC042A-223M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CSC042A-series
Rev.: B
Jan. 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSC042A series
A. Electrical specifications:
Part No.
Mark
L
(uH)
Test Freq.
DCR max.
(
Ω)
SRF
(MHz)
I rms.
(A)
I sat.
(A)
CSC042A-102M
102
1.0
100KHz
0.11
550
3.0
2.0
CSC042A-152M
152
1.5
100KHz
0.12
505
2.4
1.8
CSC042A-222M
222
2.2
100KHz
0.16
360
1.8
1.6
CSC042A-332M
332
3.3
100KHz
0.19
230
1.6
1.5
CSC042A-472M
472
4.7
100KHz
0.22
165
1.2
1.5
CSC042A-682M
682
6.8
100KHz
0.33
130
1.1
1.3
CSC042A-103M
103
10
100KHz
0.44
80
0.8
1.1
CSC042A-153M
153
15
100KHz
0.70
60
0.7
0.9
CSC042A-223M
223
22
100KHz
0.80
25
0.6
0.8
B. Mechanical dimensions: (UNIT: mm)
Series
A (max.)
B (max.)
C (max.)
D
E
F
G
CSC042A
5.3
6.5
2.0
6.86
2.54
3.30
1.78
Land pattern
C. Features:
1. Tolerance: M: ± 20%.
2. Electrical specifications at +25ºC.
3. Operating temperature: -40ºC TO +85ºC.
4. Inductance measured using the HP4284A LCR meter.
5. DCR measured using the 502BC milli-ohm meter.
6. Inductance drops no more than 10% (Typ.) at rated I sat.
7. Temperature rises ∆ t < 40ºC (Typical) at rated I rms.
8. The coil and core is enclosed in a flattop ceramic case.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - CSC042A-223M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSC042A FRONTIER-CSC042A Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - CSC042A-223M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
   SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
   SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
   SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
   SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
   SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
   SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
   SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Frontier Electronics.
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
   SMD Power Choke (Shielded)
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com