Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM2012F-900M-I-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SCM2012F-900M-I-LFR
Description  SMD Wire Wound EMI Common Mode Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SCM2012F-900M-I-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  SCM2012F-900M-I-LFR Datasheet HTML 1Page - Frontier Electronics. SCM2012F-900M-I-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD wire wound Common Mode Chip Inductor: P/N SCM2012F-I-series
July 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound EMI Common Mode Chip—SCM2012F-I series
A.
Electrical specifications:
Part Number
Common Mode
Impedance (
Ω)
(Typical)
@ 100MHz
Rated
Current
(mA)
DC
Resistance
(OHM)
Max.
Rated
Voltage
(Vdc)
Withstand
Voltage
(Vdc)
Insulation
Resistance
@125VdC
(M
Ω) Min.
SCM2012F-670M-I
67
400
0.25
SCM2012F-900M-I
90
330
0.35
SCM2012F-121M-I
120
370
0.30
SCM2012F-181M-I
180
330
0.35
SCM2012F-261M-I
260
300
0.40
SCM2012F-371M-I
370
280
0.45
50
125
10
B.
Mechanical Drawing:
C.
Features:
1. Tolerance: M: ± 20%.
2. Small size, low profile.
3. Impedance range: from 67
Ω to 370Ω.
4. High common mode impedance at high frequency effects.
5. Excellent noise suppression performance.
6. Temperature rise: 15ºC at rated current on 25ºC ambient.
7. Operating temperature: From –40ºC to +85
°C.
D. Applications:
1. Common mode noise suppression of signal lines in high speed and high-density digital equipment,
such as personal computers and peripherals.
2. Suitable for differential signal line such as USB2.0, IEEE1394 and LVDS, capable of high speed
signal transmission without distortion due to its high coupling.
Note: For “LEAD FREE/ RoHS” parts, we add “-LF” / “-LFR” after the part number.
0.80
2.60
(4)
(3)
(1)
2.0 ± 0.2
1.20 ± 0.2
(2)
0.45(Typ)
Recommended
Land Pattern
Unit: mm
(4)
(3)
(2)
(1)


Similar Part No. - SCM2012F-900M-I-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SCM2012FH-121-I FRONTIER-SCM2012FH-121-I Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM2012FH-670-I FRONTIER-SCM2012FH-670-I Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM2012FH-900-I FRONTIER-SCM2012FH-900-I Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
More results

Similar Description - SCM2012F-900M-I-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SCM3216F FRONTIER-SCM3216F Datasheet
63Kb / 2P
   SMD Wire Wound EMI Common Mode Chip
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-31 ABRACON-ACM-31 Datasheet
1Mb / 4P
   Chip Wire Wound Common Mode Choke
01.28.13
logo
Frontier Electronics.
CFS3501 FRONTIER-CFS3501_15 Datasheet
128Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
Frontier Electronics.
CFS2402 FRONTIER-CFS2402 Datasheet
152Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2401 FRONTIER-CFS2401 Datasheet
152Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFU1101 FRONTIER-CFU1101_15 Datasheet
110Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2001 FRONTIER-CFS2001_15 Datasheet
135Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2802 FRONTIER-CFS2802 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com