Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIH1510-01 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SIH1510-01
Description  CCFL Inverter Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SIH1510-01 Datasheet(HTML) 2 Page - Frontier Electronics.

  SIH1510-01 Datasheet HTML 1Page - Frontier Electronics. SIH1510-01 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CCFL Inverter Transformer: P/N SIH1510-01
Mar. 10, 2003. Page: 2 of 2
Frontier Electronics Corp.
685 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
CCFL Inverter Transformer—SIH1510-01
G. Testing Circuit:
Note: Part List for Testing Circuit:
H. Preliminary Electrical Characteristics:
Parts
Package
Spec
R1
0805
1.2K
R2
0805
1.2K
RL
10W
80K
C1
22uF/25V
C2
0.1uF/100V
C3
33pF/3KV
TR1
SC-51
2SC2655
TR2
SC-51
2SC2655
DI
DO41
1N4004
L1
CSN075F101M CSN075F101M
T1
SIH1510-01
SIH1510-01
TR1
TR2
R1
R2
D1
C1
C2
T1
C3
+
-
L1
RL
2
3
5
1
6
7
10
WORKING VOLTAGE:
12~14VDC
4
Parameter
Min.
Nom.
Max.
Unit
Input Voltage
12
13
14
V
Input Current
440
490
540
mA
Lamp Frequency
46
47
48
KHz
Output Voltage
600
660
710
Vrms
Output Current
7.1
7.7
8.4
mA
RL
80K


Similar Part No. - SIH1510-01

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
   CCFL Inverter Transformer
SIH1510-02-LFR FRONTIER-SIH1510-02-LFR Datasheet
43Kb / 1P
   CCFL Inverter Transformer
More results

Similar Description - SIH1510-01

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
   CCFL Inverter Transformer
SDH2010-02 FRONTIER-SDH2010-02 Datasheet
46Kb / 1P
   CCFL Inverter Transformer
SEC2021-01 FRONTIER-SEC2021-01 Datasheet
127Kb / 1P
   CCFL Inverter Transformer
SIH0901-01 FRONTIER-SIH0901-01 Datasheet
121Kb / 1P
   CCFL Inverter Transformer
SEH1936-01 FRONTIER-SEH1936-01 Datasheet
141Kb / 1P
   CCFL Inverter Transformer
SDH1503-03 FRONTIER-SDH1503-03 Datasheet
118Kb / 1P
   CCFL Inverter Transformer
SIH1507-01 FRONTIER-SIH1507-01 Datasheet
124Kb / 1P
   CCFL Inverter Transformer
SIH1005-01 FRONTIER-SIH1005-01 Datasheet
125Kb / 1P
   CCFL Inverter Transformer
SIH1202-01 FRONTIER-SIH1202-01 Datasheet
120Kb / 1P
   CCFL Inverter Transformer
TSS0525F FRONTIER-TSS0525F Datasheet
107Kb / 1P
   CCFL Inverter Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com