Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF2N60-220FP Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # IRF2N60-220FP
Description  POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

IRF2N60-220FP Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  IRF2N60-220FP Datasheet HTML 1Page - Suntac Electronic Corp. IRF2N60-220FP Datasheet HTML 2Page - Suntac Electronic Corp. IRF2N60-220FP Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRF2N60
POWER MOSFET
Page 1
GENERAL DESCRIPTION
FEATURES
This high voltage MOSFET uses an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. In addition, this
advanced MOSFET is designed to withstand high energy in
avalanche and commutation modes. The new energy
efficient design also offers a drain-to-source diode with a
fast recovery time. Designed for high voltage, high speed
switching applications in power supplies, converters and
PWM motor controls, these devices are particularly well
suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer
additional and safety margin against unexpected voltage
transients.
‹
Robust High Voltage Termination
‹
Avalanche Energy Specified
‹
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
‹
Diode is Characterized for Use in Bridge Circuits
‹
IDSS and VDS(on) Specified at Elevated Temperature
PIN CONFIGURATION
SYMBOL
TO-220/TO-220FP
Front View
1
23
TO-252
Front View
1
23
TO-251
Front View
1
23
N-Channel MOSFET
D
S
G
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current
Continuous
Pulsed
ID
IDM
2.0
9.0
A
Gate-to-Source Voltage
Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
TO-251/TO-252
TO-220
TO-220FP
PD
60
60
32
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy
TJ = 25
(VDD = 100V, VGS = 10V, IL = 2A, L = 10mH, RG = 25 )
EAS
20
mJ
Thermal Resistance
Junction to Case
Junction to Ambient
JC
JA
1.0
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260


Similar Part No. - IRF2N60-220FP

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
IRF2N60-126 SUNTAC-IRF2N60-126 Datasheet
299Kb / 3P
   POWER MOSFET
More results

Similar Description - IRF2N60-220FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com