Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML5213-156.25M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # EML5213-156.25M
Description  SURFACE MOUNT 3.3V PECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EML5213-156.25M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  EML5213-156.25M Datasheet HTML 1Page - Connor-Winfield Corporation EML5213-156.25M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
Ec192
10/1/03
00
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield EML5213
is a fixed frequency surface
mount Crystal Controlled
Oscillator (XO) designed for
applications requiring low jitter
and tight Frequency stability.
Operating at 3.3V supply
voltage, the EML5213 provides
LVPECL compatible outputs.
1
2
EML5213
- 156.25MHz
PECL
SERIES
CENTER
FREQUENCY
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
±50ppm
TEMPERATURE RANGE:
0 to 70°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
SURFACE MOUNT 3.3V PECL CLOCK
EML5213
www.conwin.com
ORDERING INFORMATION
FEATURES
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAME TER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
19.44
-
164
MHz
Total Frequency Tolerance
-50
-
50
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
PECL OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
2
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
3
Rise / Fall Time 20% to 80%
-
-
1
nS
Notes
1)
Includes calibration, stabil ity vs. temperature, supply and load variations, shock , vibration and aging (10 years).
2)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
3)
Duty Cycle measured at 1.977V
PACKAGE CHARACTERISTICS
TABLE 4.0
Package
Hermetically sealed, leadless ceramic package.


Similar Part No. - EML5213-156.25M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
EML5234-25.0M CONNOR-WINFIELD-EML5234-25.0M Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
EML5243 CONNOR-WINFIELD-EML5243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5243-155.52M CONNOR-WINFIELD-EML5243-155.52M Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
More results

Similar Description - EML5213-156.25M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5343 CONNOR-WINFIELD-EML5343 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5434 CONNOR-WINFIELD-EML5434 Datasheet
201Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5313 CONNOR-WINFIELD-EML5313 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5113 CONNOR-WINFIELD-EML5113 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5431 CONNOR-WINFIELD-EML5431 Datasheet
211Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5413 CONNOR-WINFIELD-EML5413 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5143 CONNOR-WINFIELD-EML5143 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5243 CONNOR-WINFIELD-EML5243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5443 CONNOR-WINFIELD-EML5443 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com