Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML5443 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # EML5443
Description  SURFACE MOUNT 3.3V PECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EML5443 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  EML5443 Datasheet HTML 1Page - Connor-Winfield Corporation EML5443 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
Ec187
9/22/03
00
CRYSTAL CONTROLLED OSCILLATORS
2
2
www.conwin.com
Pin
Connection
1
Q Output (comp)
2
N/C
3
Ground
4
Q Output
5
N/C
6
Vcc
1 2
N/C
N/C


Similar Part No. - EML5443

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G-155.52M CONNOR-WINFIELD-EML5443G-155.52M Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results

Similar Description - EML5443

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5343 CONNOR-WINFIELD-EML5343 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5434 CONNOR-WINFIELD-EML5434 Datasheet
201Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5213 CONNOR-WINFIELD-EML5213 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5313 CONNOR-WINFIELD-EML5313 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5113 CONNOR-WINFIELD-EML5113 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5431 CONNOR-WINFIELD-EML5431 Datasheet
211Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5413 CONNOR-WINFIELD-EML5413 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5143 CONNOR-WINFIELD-EML5143 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5243 CONNOR-WINFIELD-EML5243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
   LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com