Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT119A Datasheet(PDF) 2 Page - Linear Technology

Part # LT119A
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT119A Datasheet(HTML) 2 Page - Linear Technology

  LT119A Datasheet HTML 1Page - Linear Technology LT119A Datasheet HTML 2Page - Linear Technology LT119A Datasheet HTML 3Page - Linear Technology LT119A Datasheet HTML 4Page - Linear Technology LT119A Datasheet HTML 5Page - Linear Technology LT119A Datasheet HTML 6Page - Linear Technology LT119A Datasheet HTML 7Page - Linear Technology LT119A Datasheet HTML 8Page - Linear Technology LT119A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT119A/LT319A
LM119/LM319
119a319afb
Supply Voltage ........................................................ 36V
Output to Negative Supply Voltage .......................... 36V
Ground to Negative Supply Voltage ......................... 25V
Ground to Positive Supply Voltage .......................... 18V
Differential Input Voltage (Note 6) ...........................
±5V
Differential Input Current (Note 6) ........................
±5mA
Input Voltage (Note 2)
ABSOLUTE
AXI U
RATI GS
Output Short-Circuit Duration ................................... 10s
Operating Temperature Range
LT119A, LM119 OBSOLETE ........ –55
°C to 125°C
LT319A, LM319...................................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 150°C/ W, θJc = 45°C/ W
TOP VIEW
– INPUT 2
V+
V
10
9
8
6
4
2
1
5
H PACKAGE
10-LEAD TO-5 METAL CAN
7
3
GND 2
OUTPUT 2
+INPUT 1
–INPUT 1
GND
OUTPUT 1
+INPUT 2
LT119AH
LM119H
LT319AH
LM319H
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
(Note 1)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT
– INPUT
V
OUTPUT 2
NC
NC
OUTPUT 1
V +
– INPUT 2
+INPUT 2
GND 2
J PACKAGE 14-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/ W
LT319AN
LM319N
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 100°C/ W
LT119AJ
LM119J
LT319AJ
LM319J
OBSOLETE PACKAGE
OBSOLETE PACKAGE
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
LT119A
LM119
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±15V, VCM = 0
0.3
0.5
4
mV
(Note 4)
0.5
1.0
0.7
4
mV
q
1.2
2.0
7
mV
CMRR
Common Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 4)
20
40
30
75
nA
q
75
100
nA
IB
Input Bias Current
(Note 4)
150
500
150
500
nA
q
1000
1000
nA
AV
Voltage Gain
20
40
10
40
V/mV
Response Time
(Note 5)
80
80
ns


Similar Part No. - LT119A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT119A LINER-LT119A Datasheet
240Kb / 8P
   Dual Comparator
LT119A LINER-LT119A Datasheet
193Kb / 12P
   Guaranteed Maximum 0.5mV Input Offset Voltage
LT119A LINER-LT119A Datasheet
198Kb / 12P
   Dual Comparator
LT119AH LINER-LT119AH Datasheet
240Kb / 8P
   Dual Comparator
LT119AJ LINER-LT119AJ Datasheet
240Kb / 8P
   Dual Comparator
More results

Similar Description - LT119A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com