Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT119A Datasheet(PDF) 6 Page - Linear Technology

Part # LT119A
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT119A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT119A Datasheet HTML 2Page - Linear Technology LT119A Datasheet HTML 3Page - Linear Technology LT119A Datasheet HTML 4Page - Linear Technology LT119A Datasheet HTML 5Page - Linear Technology LT119A Datasheet HTML 6Page - Linear Technology LT119A Datasheet HTML 7Page - Linear Technology LT119A Datasheet HTML 8Page - Linear Technology LT119A Datasheet HTML 9Page - Linear Technology LT119A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT119A/LT319A
LM119/LM319
119a319afb
+
+
100pF
100pF
120pF
300pF
5V
680
680
10k
5V
2k
2k
1k
5V
INPUT
PULSE
0V TO 1V
INPUT
LM385-1.2
1/2 LT319A
1/2 LT319A
11
7
8
9
10
4
5
12
3
6
5V
7408
LT119/319 TA6
OUTPUT
0
µs TO 1µs
(20ns MINIMUM)
Voltage Controlled High Speed One Shot
11
5V
12
3
4
5
LT119/319 TA5
1/2 LT319A
OUTPUT
39k
1k
20k
20k
2k
+
+
1k
100k
10k
INPUT
0V TO 5V
AT CUT
18pF, 100kHz
1000pF
MV1405*
5V
3k
5V
6
8
7
9
10
1/2 LT319A
1/2 LT319A
Voltage Controlled Crystal Oscillator
With 100ppm Trim Range
TYPICAL APPLICATIO S


Similar Part No. - LT119A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT119A LINER-LT119A Datasheet
240Kb / 8P
   Dual Comparator
LT119A LINER-LT119A Datasheet
193Kb / 12P
   Guaranteed Maximum 0.5mV Input Offset Voltage
LT119A LINER-LT119A Datasheet
198Kb / 12P
   Dual Comparator
LT119AH LINER-LT119AH Datasheet
240Kb / 8P
   Dual Comparator
LT119AJ LINER-LT119AJ Datasheet
240Kb / 8P
   Dual Comparator
More results

Similar Description - LT119A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com