Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1112S8 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1112S8
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1112S8 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1112S8 Datasheet HTML 2Page - Linear Integrated Systems LT1112S8 Datasheet HTML 3Page - Linear Integrated Systems LT1112S8 Datasheet HTML 4Page - Linear Integrated Systems LT1112S8 Datasheet HTML 5Page - Linear Integrated Systems LT1112S8 Datasheet HTML 6Page - Linear Integrated Systems LT1112S8 Datasheet HTML 7Page - Linear Integrated Systems LT1112S8 Datasheet HTML 8Page - Linear Integrated Systems LT1112S8 Datasheet HTML 9Page - Linear Integrated Systems LT1112S8 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1112/LT1114
111214fb
Note 5: Offset voltage, supply current and power supply rejection ratio are
measured at the minimum supply voltage.
Note 6: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1114; between the two amplifiers on the
LT1112.
Note 7: This parameter is the difference between two noninverting input
bias currents.
Note 8:
∆CMRR and ∆PSRR are defined as follows: (1) CMRR and PSRR
are measured in
µV/V on the individual amplifiers. (2) The difference is
calculated between the matching sides in
µV/V. (3) The result is converted
to dB.
Note 9: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
Note 10: These parameters are not tested. More than 99% of the op amps
tested during product characterization have passed the maximum limits.
100% passed at 1kHz.
Note 11: The LT1112AC/LT1112C/LT1112S8/LT1112I and LT1114AC/
LT1114C/LT1114S/LT1114I are guaranteed functional over the
temperature range of –40
°C to 85°C.
Note 12: The LT1112AC/LT1112C/LT1112S8/LT1114AC/LT1114C/
LT1114S are guaranteed to meet specified performance from 0
°C to 70°C
and are designed, characterized and expected to meet specified
performance from –40
°C to 85°C, but are not tested or QA sampled at
these temperatures. The LT1112I/LT1114I are guaranteed to meet
specified performance from –40
°C to 85°C.
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias and Offset Current,
Noninverting Bias Current Match
vs Temperature
TEMPERATURE (
°C)
–75
–200
–100
0
100
200
–50 –25
0
25
LT1112/14 • TPC01
50
75
100 125
∆IB+
IOS
IB (OVERCANCELLED)
VS = ±15V
IB (UNDERCANCELLED)
Input Bias Current Over
Common Mode Range
Distribution of Input Bias Current
(In All Packages Except LT1114S)
INPUT OFFSET VOLTAGE (
µV)
–80
0
5
15
20
25
–40
0
20
100
LT1112/14 • TPC06
10
–60
–20
40
60
80
30
TA = 25°C
Drift with Temperature
LT1112S8, LT1114N/S
Distribution of Offset Voltage at
VS = ±1.0V (In All Packages)
INPUT BIAS CURRENT (pA)
–300
0
10
20
30
–200
–100
0
100
LT1112/14 • TPC03
200
300
VS = ±15V
TA = 25°C
Drift with Temperature
LT1112N8/J8, LT1114J
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–0.8
10
15
0.8
LT1112/14 • TPC04
5
0
–0.4
0
0.4
20
–0.6
–0.2
0.2
0.6
850 OP AMPS TESTED
100 LT1112J8
165 LT1112N8
80 LT1114J
VS = ±15V
COMMON MODE INPUT VOLTAGE (V)
–15
–150
–100
–50
0
50
150
–10
–5
0
5
LT1112/14 • TPC02
10
15
100
IB
VCM
VS = ±15V
TA = 25°C
RINCM = 800GΩ
DEVICE WITH POSITIVE INPUT CURRENT
DEVICE WITH NEGATIVE INPUT CURRENT
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–1.4
0
10
25
–0.6
0.2
0.6
LT1112/14 • TPC05
5
20
15
–1.0
–0.2
1.0
1.4
960 OP AMPS TESTED
240 LT1112S8
80 LT1114N
40 LT1114S
VS = ±15V


Similar Part No. - LT1112S8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112S8 LINER-LT1112S8 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1112S8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com