Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1115CN8 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1115CN8
Description  Ultralow Noise, Low Distortion, Audio Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1115CN8 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1115CN8 Datasheet HTML 1Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 2Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 3Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 4Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 5Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 6Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 7Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 8Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1115
1115fa
Slew Rate, Gain-Bandwidth-Product
vs Overcompensation Capacitor
CCIF IMD Test (Twin Equal
Amplitude Tones at 13 and 14kHz)*
0.001
0.0001
0.010
0.1
OUTPUT AMPLITUDE (VRMS)
10m
0.1
1
10
AV = 10
RL = 600
TA = 25°C
VS = ±18V
LT1115 • TPC10
CCIF IMD Test (Twin Equal
Amplitude Tones at 13 and 14kHz)*
0.001
0.0001
0.010
0.1
OUTPUT AMPLITUDE (VRMS)
10m
0.1
1
10
AV = 10
RL = 10k
TA = 25°C
VS = ±18V
LT1115 • TPC11
Total Noise vs Unmatched Source
Resistance
Current Noise Spectrum
FREQUENCY (Hz)
10
100
1k
10k
10
100
1
0.1
TYPICAL
LT1115 • TPC14
1/f CORNER = 250Hz
Voltage Noise vs Temperature
TEMPERATURE (°C)
0
0
0.8
1.2
30
2.0
0.4
15
75
60
45
1.6
VS = ±18V
AT 10Hz
AT 1kHz
LT1115 • TPC15
SUPPLY VOLTAGE (V)
0
1.0
1.25
±20
0.75
0.5
± 5
± 10
± 15
1.5
AT 1kHz
TA = 25°C
LT1115 • TPC16
Voltage Noise vs Supply Voltage
Supply Current vs Temperature
10
1
2
3
4
5
6
7
8
9
0
TEMPERATURE (°C)
0
30
15
75
60
45
VS = ±18V
VS = ±15V
VS = ± 5V
LT1115 • TPC17
Output Short-Circuit Current
vs Time
*See CCIF Test Note at end of “Typical Performance Characteristics”.
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
–50
–40
–20
–10
0
01
23
50
20
–30
30
40
10
VS = ± 18V
25°C
25°C
LT1115 • TPC18
UNMATCHED SOURCE RESISTANCE, RS (Ω)
10k
10
10
100
100
1k
3k
1.0
0.1
1
3
30
300
RS
AT 1kHz
AT 10Hz
RS NOISE ONLY
VS = ± 18V
TA = 25°C
LT1115 • TPC13
OVERCOMPENSATION CAPACITOR (pF)
1
10
1
100
100
1000
1000
10000
10000
0.1
10
10
100
COC FROM PIN 5 TO PIN 6
VS = ±18V
TA = 25°C
LT1115 • TPC12
GWB
SLEW
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1115CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115CN8 LINER-LT1115CN8 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
More results

Similar Description - LT1115CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com