Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CF-3.3 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1129CF-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129CF-3.3 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1129CF-3.3 Datasheet HTML 2Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 3Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 4Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 5Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 6Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 7Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 8Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 9Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1129/LT1129-3.3/LT1129-5
112935fc
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
1129 G20
2
4
6
10
135
79
RLOAD = 75Ω
ILOAD = 50mA*
RLOAD = 375Ω
ILOAD = 10mA*
RLOAD = 38Ω
ILOAD = 100mA*
*For VOUT = 3.75V
TJ = 25°C
VOUT =
VADJ
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
1129 G19
2
4
6
10
135
79
RLOAD = 100Ω
ILOAD = 50mA*
RLOAD = 500Ω
ILOAD = 10mA*
RLOAD = 50Ω
ILOAD = 100mA*
*For VOUT = 5V
TJ = 25°C
VOUT = VSENSE
LT1129
Ground Pin Current
LT1129-5
Ground Pin Current
LT1129-3.3
Ground Pin Current
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
1129 G18
2
4
6
10
135
79
RLOAD = 66Ω
ILOAD = 50mA*
RLOAD = 330Ω
ILOAD = 10mA*
RLOAD = 33Ω
ILOAD = 100mA*
TJ = 25°C
VOUT =
VSENSE
*For VOUT = 3.3V
LT1129-3.3
Ground Pin Current
INPUT VOLTAGE (V)
0
60
50
40
30
20
10
0
8
1129 G22
2
4
6
10
13
57
9
RLOAD = 10Ω
ILOAD = 500mA*
RLOAD = 16.6Ω
ILOAD = 300mA*
RLOAD = 7.1Ω
ILOAD = 700mA*
*For VOUT = 5V
TJ = 25°C
VOUT = VSENSE
LT1129-5
Ground Pin Current
INPUT VOLTAGE (V)
0
60
50
40
30
20
10
0
8
1129 G23
2
4
6
10
13
57
9
RLOAD = 7.5Ω
ILOAD = 500mA*
RLOAD = 12.6Ω
ILOAD = 300mA*
RLOAD = 5.3Ω
ILOAD = 700mA*
*For VOUT = 3.75V
TJ = 25°C
VOUT = VADJ
LT1129
Ground Pin Current
Ground Pin Current
OUTPUT CURRENT (A)
0
70
60
50
40
30
20
10
0
0.2
0.4
0.5
1129 G15
0.1
0.3
0.6
0.7
TJ = 25°C
TJ = 125°C
TJ = –50°C
VIN = 3.3V (LT1129-3.3)
VIN = 5V (LT1129-5)
VIN = 3.75V (LT1129)
DEVICE IS OPERATING
IN DROPOUT
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1129 G27
–25
25
100
125
ILOAD = 1mA
Shutdown Pin Threshold
(On-to-Off)
Shutdown Pin Threshold
(Off-to-On)
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1129 G26
–25
25
100
125
ILOAD = 1mA
ILOAD = 700mA
INPUT VOLTAGE (V)
0
60
50
40
30
20
10
0
8
1129 G21
2
4
6
10
13
57
9
RLOAD = 6.6Ω
ILOAD = 500mA*
RLOAD = 11Ω
ILOAD = 300mA*
RLOAD = 4.7Ω
ILOAD = 700mA*
*For VOUT = 3.3V
TJ = 25°C
VOUT = VSENSE
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1129CF-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CQ LINER-LT1129CQ Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ LINER-LT1129CQ Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ-3.3 LINER-LT1129CQ-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CF-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com