Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1114IN Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1114IN
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1114IN Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1114IN Datasheet HTML 1Page - Linear Integrated Systems LT1114IN Datasheet HTML 2Page - Linear Integrated Systems LT1114IN Datasheet HTML 3Page - Linear Integrated Systems LT1114IN Datasheet HTML 4Page - Linear Integrated Systems LT1114IN Datasheet HTML 5Page - Linear Integrated Systems LT1114IN Datasheet HTML 6Page - Linear Integrated Systems LT1114IN Datasheet HTML 7Page - Linear Integrated Systems LT1114IN Datasheet HTML 8Page - Linear Integrated Systems LT1114IN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1112/LT1114
111214fb
The
denotes the specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C. VS = ±15V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current per Amplifier
370
440
370
500
µA
∆VOS
Offset Voltage Match
LT1112CN8
45
170
55
210
µV
(Note 6)
LT1112S8, LT1114CN/S
55
220
70
270
µV
Offset Voltage Match Drift
LT1112N8
0.2
0.7
0.3
1.0
µV/°C
(Notes 6, 9)
LT1112S8, LT1114CN/S
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
120
530
135
620
pA
(Notes 6, 7)
LT1114S
160
880
pA
∆CMRR
Common Mode Rejection Ratio
(Notes 6, 8)
114
134
109
134
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 6, 8)
110
128
108
128
dB
LT1112ACN8
LT1114ACN
LT1112CN8/S8/IS8
LT1114CN/S/IS
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1112CN8/IN8
30
110
35
135
µV
LT1112S8/IS8, LT1114CN/S/IS
40
135
45
160
µV
VS = ±1.2V
55
200
60
240
µV
∆VOS
Average Input Offset Voltage Drift
LT1112CN8/IN8
0.15
0.50
0.20
0.75
µV/°C
∆Temp
LT1112S8/IS8, LT1114CN/S/IS
0.30
1.10
0.40
1.30
µV/°C
IOS
Input Offset Current
70
330
85
400
pA
LT1114S/IS
110
600
pA
IB
Input Bias Current
±110
±500
±120
±550
pA
LT1114S/IS
±150
±800
pA
VCM
Input Voltage Range
±13.5 ±14.1
±13.5 ±14.1
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
117
132
112
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
113
125
111
125
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
700
3300
600
3300
V/mV
VO = ±10V, RL = 2kΩ
400
1100
300
900
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
±13.0 ±13.85
±13.0 ±13.85
V
SR
Slew Rate
0.13
0.24
0.13
0.24
V/
µs
IS
Supply Current per Amplifier
370
450
370
510
µA
∆VOS
Offset Voltage Match
LT1112CN8/IN8
50
180
60
225
µV
(Note 6)
LT1112S8/IS8, LT1114CN/S/IS
60
230
70
270
µV
Offset Voltage Match Drift
LT1112CN8/IN8
0.2
0.7
0.3
1.0
µV/°C
(Notes 6)
LT1112S8/IS8, LT1114CN/S/IS
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
140
660
155
770
pA
(Notes 6, 7)
LT1114S/IS
190
1300
pA
∆CMRR
Common Mode Rejection Ratio
(Notes 6, 8)
113
133
109
133
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 6, 8)
110
127
107
127
dB
The
denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications
are at TA = 25°C. VS = ±15V, unless otherwise noted. (Note 12)
LT1112ACN8
LT1114ACN
LT1112CN8/IN8/S8/IS8
LT1114CN/S/IS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 3: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1114s (or 100
LT1112s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 4: This parameter is guaranteed by design and is not tested.


Similar Part No. - LT1114IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1114 LINER-LT1114 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1114 LINER-LT1114 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1114AC LINER-LT1114AC Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1114IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com