Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129IQ-3.3 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1129IQ-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129IQ-3.3 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1129IQ-3.3 Datasheet HTML 1Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 2Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 3Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 4Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 5Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 6Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 7Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 8Page - Linear Integrated Systems LT1129IQ-3.3 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1129/LT1129-3.3/LT1129-5
112935fc
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (A)
0
0.4
0.5
0.6
0.3
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.7
0.1
0
LT1129 • TA02
Dropout Voltage
5V Supply with Shutdown
The LT
®1129/LT1129-3.3/LT1129-5 are micropower low
dropout regulators with shutdown. The devices are ca-
pable of supplying 700mA of output current with a dropout
voltage of 0.4V at maximum output. Designed for use in
battery-powered systems the low quiescent current, 50µA
operating and 16µA in shutdown, make them an ideal
choice. The quiescent current does not rise in dropout as
it does with many other low dropout PNP regulators.
Other features of the LT1129 /LT1129-3.3/LT1129-5 in-
clude the ability to operate with small output capacitors.
They are stable with only 3.3µF on the output while most
older devices require between 10µF and 100µF for stabil-
ity. Also the input may be connected to ground or a reverse
voltage without reverse current flow from output to input.
This makes the LT1129/LT1129-3.3/LT1129-5 ideal for
backup power situations where the output is held high and
the input is at ground or reversed. Under these conditions,
only 16µA will flow from the output pin to ground. The
devices are available in 5-lead TO-220, 5-lead DD and
3-lead SOT-223 packages.
0.4V Dropout Voltage
700mA Output Current
50µA Quiescent Current
No Protection Diodes Needed
Adjustable Output from 3.8V to 30V
3.3V and 5V Fixed Output Voltages
Controlled Quiescent Current in Dropout
Shutdown
16µA Quiescent Current in Shutdown
Stable with 3.3µF Output Capacitor
Reverse Battery Protection
No Reverse Output Current
Thermal Limiting
Surface Mount SOT-223 and DD Packages
Low Current Regulator
Regulator for Battery-Powered Systems
Post Regulator for Switching Supplies
5V to 3.3V Logic Regulator
IN
OUT
LT1129-5
GND
5V OUT
500mA
VIN > 5.5V
3.3µF
SOLID TANTALUM
+
SENSE
LT1129 • TA01
VSHDN (PIN 4)
< 0.25
> 2.8
NC
OUTPUT
OFF
ON
ON
SHDN
1
2
3
4
5
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Micropower Low Dropout
Regulators with Shutdown


Similar Part No. - LT1129IQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IQ-3.3 LINER-LT1129IQ-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129IQ-3.3 LINER-LT1129IQ-3.3 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129IQ-3.3 LINER-LT1129IQ-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129IQ-3.3 LINER-LT1129IQ-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129IQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com