Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1160CN Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1160CN
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1160CN Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1160CN Datasheet HTML 7Page - Linear Integrated Systems LT1160CN Datasheet HTML 8Page - Linear Integrated Systems LT1160CN Datasheet HTML 9Page - Linear Integrated Systems LT1160CN Datasheet HTML 10Page - Linear Integrated Systems LT1160CN Datasheet HTML 11Page - Linear Integrated Systems LT1160CN Datasheet HTML 12Page - Linear Integrated Systems LT1160CN Datasheet HTML 13Page - Linear Integrated Systems LT1160CN Datasheet HTML 14Page - Linear Integrated Systems LT1160CN Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1160/LT1162
11602fb
APPLICATIONS INFORMATION
+
IN TOP
IN BOTTOM
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
LT1160
HV
VOUT
RGS
RSENSE
1160 F02
12V
REF PWM
OUT A
OUT A
SV+
PV+
Figure 2. Adding Synchronous Switching to a Step-Down Switching Regulator
Motor Drive Applications
In applications where rotation is always in the same
direction, a single LT1160 controlling a half-bridge can be
used to drive a DC motor. One end of the motor may be
connected either to supply or to ground as seen on Figure
3. A motor in this configuration is controlled by its inputs
which give three alternatives: run, free running stop (coast-
ing) and fast stop (“plugging” braking, with the motor
shorted by one of the MOSFETs).
To drive a DC motor in both directions the LT1162 can be
used to drive an H-bridge output stage. In this configura-
tion the motor can be made to run clockwise, counter-
clockwise, stop rapidly (“plugging” braking) or free run
(coast) to a stop. A very rapid stop may be achieved by
reversing the current, though this requires more careful
design to stop the motor dead. In practice a closed-loop
control system with tachometric feedback is usually
necessary.
The motor speed in these examples can be controlled by
switching the drivers with pulse width modulated square
waves. This approach is particularly suitable for micro-
computers/DSP control loops.
Figure 3. Driving a Supply Referenced Motor
SV+
PV+
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
PGND
LT1160
12V
1160 F03
HV
IN TOP
IN BOTTOM


Similar Part No. - LT1160CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1160CN LINER-LT1160CN Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
More results

Similar Description - LT1160CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1160 LINER-LT1160_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1162 LINER-LT1162_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1160 LINER-LT1160 Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com