Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L412-155.52 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # L412-155.52
Description  5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

L412-155.52 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  L412-155.52 Datasheet HTML 1Page - Connor-Winfield Corporation L412-155.52 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Ds021
2of2
04
27 Oct 2008
Environmental Characteristics
Table 6
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature260 C. Maximum timeabove 220 C, 60seconds.
Solderability
Solderability per Mil Std 883E Method 2003
1
Tape and Reel Specifications
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
LVDS Output Waveform
3
Type:
DS
LV
Clock Series
5x7mm
Supply Voltage:
2 = 2.5Vdc, E/D Pad 1.
3 = 3.3Vdc, E/D Pad 1.
4 = 2.5Vdc, E/D Pad 2.
5 = 3.3Vdc, E/D Pad 2.
Temperature Range:
1=0to
2 = -40 to 85
3=0to85
4 = -20 to
70° C
°C
°C
70° C
Frequency Stability:
4 = +/-20
1 = +/-
2 = +/-50
3 = +/-100
ppm
25 ppm
ppm
ppm
L
1
4
155.52M
-
Ordering Information
Package Outline
Solder Profile
Suggested Pad Layout
Pad Connections - Enable / Disable Function
Model Matrix
Notes
Test Circuit
Enable/
Disable
or
N/C
Enable/
Disable
or
N/C
100
ohm
100
ohm
0.01uF
Power
Supply
Power
Supply
Vcc
Ground
Q
Q
Vod
Duty Cycle
Vod
0V
0V
0V
80%
20%
Vopp
t r
t f
Q
Q
Differential
Output
Waveform
peak-to-peak
1)
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years
aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on E/D
pad.
3)
Vod measured with 100 ohm resistor between the true output and the complementary output.
4)
Duty Cycle measured at 50% of output swing.
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Example:
L143-155.52M = LVDS Output,
0 to 70, +/-20ppm, 3.3Vdc, E/D Pad 1, Output Frequency 155.52MHz
To order an L143 with an output frequency of:
25 MHz = L143-025.0M
44.736 MHz = L143-044.736M
155.52 MHz = L143-155.52M
CW 0849
L143
155.52M
.059
(1.50mm)
0
7
Table 9.0
Frequency
Tolerance
±20ppm
Frequency
Tolerance
±25ppm
Frequency
Tolerance
±50ppm
Frequency
Tolerance
±100ppm
Supply
Voltage
Temperature
Range
Enable /
Disable
Function
Pad
L142
L112
L122
L132
2.5Vdc
0 to 70°C
1
L342
L312
L322
L332
2.5Vdc
0 to 85°C
1
L242
L212
L222
L232
2.5Vdc
-40 to 85°C
1
L442
L412
L422
L432
2.5Vdc
-20 to 70°C
1
L143
L113
L123
L133
3.3Vdc
0 to 70°C
1
L343
L313
L323
L333
3.3Vdc
0 to 85°C
1
L243
L213
L223
L233
3.3Vdc
-40 to 85°C
1
L443
L413
L423
L433
3.3Vdc
-20 to 70°C
1
L145
L115
L125
L135
2.5Vdc
0 to 70°C
2
L345
L315
L325
L335
2.5Vdc
0 to 85°C
2
L245
L215
L225
L235
2.5Vdc
-40 to 85°C
2
L445
L415
L425
L435
2.5Vdc
-20 to 70°C
2
L144
L114
L124
L134
3.3Vdc
0 to 70°C
2
L344
L314
L324
L334
3.3Vdc
0 to 85°C
2
L244
L214
L224
L234
3.3Vdc
-40 to 85°C
2
L444
L414
L424
L434
3.3Vdc
-20 to 70°C
2
Pad
Connection
Table 7.0
1
Enable / Disable (Lxx2 or Lxx3 Models)
2
Enable / Disable (Lxx4 or Lxx5 Models)
3
Ground
4Q Output
5Q Output
6Vcc
Table 8.0
Enable / Disable Function (Pad 1 or 2)
Output
High or Open
Enable
Low
Disable
(High Impedance)


Similar Part No. - L412-155.52

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L412 IXYS-L412 Datasheet
91Kb / 4P
   High Voltage BIMOSFET
logo
Unisonic Technologies
L4120 UTC-L4120 Datasheet
159Kb / 4P
   40V/1.2A INTEGRATED POWER LED DRIVER
L4120 UTC-L4120 Datasheet
167Kb / 4P
   40V/1.2A INTEGRATED POWER LED DRIVER
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
   LED open-circuit protection
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
   40V/1.2A INTEGRATED POWER LED DRIVER
More results

Similar Description - L412-155.52

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
   5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
X123-133.33M CONNOR-WINFIELD-X123-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
MTRONPTI
M2702 MTRONPTI-M2702 Datasheet
581Kb / 5P
   SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com