Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2522 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2522
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2522 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2522 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2522 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Low cost fiber optic components
• Enhanced digital links dc-5 MBd
• Extended distance links up to 120 m at 40 kBd
• Low current link: 6 mA peak supply current
• Horizontal and vertical mounting
• Interlocking feature
• High noise immunity
• Easy connectoring Simplex, Duplex, and Latching
connectors
• Flame retardant
• Transmitters incorporate a 660 nm Red LED for easy
visibility
• Compatible with standard TTL circuitry
Applications
• Reduction of lightning/voltage transient susceptibility
• Motor controller triggering
• Data communications and local area networks
• Electromagnetic Compatibility (EMC) for regulated
systems: FCC, VDE, CSA, etc.
• Tempest-secure data processing equipment
• Isolation in test and measurement instruments
• Error free signalling for industrial and manufacturing
equipment
• Automotive communications and control networks
• Noise immune communication in audio and video
equipment
Description
The Versatile Link series is a complete family of fiber
optic link components for applications requiring a low
cost solution. The HFBR-0501 series includes
transmitters, receivers, connectors and cable specified
for easy design. This series of components is ideal for
solving problems with voltage isolation/insulation,
EMI/RFI immunity or data security. The optical link design
is simplified by the logic compatible receivers and
complete specifications for each component. The key
optical and electrical parameters of links configured with
the HFBR-0501 family are fully guaranteed from 0
° to
70
°C.
A wide variety of package configurations and connectors
provide the designer with numerous mechanical solutions
to meet application requirements. The transmitter and
receiver components have been designed for use in high
volume/low cost assembly processes such as auto
insertion and wave soldering.
Transmitters incorporate a 660 nm LED. Receivers
include a monolithic dc coupled, digital IC receiver with
open collector Schottky output transistor. An internal
pullup resistor is available for use in the HFBR-25X1/2/4
receivers. A shield has been integrated into the receiver
IC to provide additional, localized noise immunity.
Internal optics have been optimized for use with 1 mm
diameter plastic optical fiber. Versatile Link specifications
incorporate all connector interface losses. Therefore,
optical calculations for common link applications are
simplified.
HFBR-0501 Series
Versatile Link
The Versatile Fiber Optic Connection
Data Sheet


Similar Part No. - HFBR-2522

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2522 HP-HFBR-2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ET AVAGO-HFBR-2522ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Power Integrations, Inc...
HFBR-2522ETZ POWERINT-HFBR-2522ETZ Datasheet
219Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-22
HFBR-2522ETZ POWERINT-HFBR-2522ETZ Datasheet
238Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-02-25
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-2522

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com