Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7821-TR1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7821-TR1
Description  4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7821-TR1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7821-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821-TR1 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PCB Design Guidelines
The recommended ACPM-7821 PCB Land pattern is
shown in Figure 14 and Figure 15. The substrate is
coated with solder mask between the I/O and con-
ductive paddle to protect the gold pads from short
circuit that is caused by solder bleeding/bridging.
Stencil Design Guidelines
A properly designed solder screen or stencil is
required to ensure optimum amount of solder paste
is deposited onto the PCB pads.
The recommended stencil layout is shown in Figure
16. Reducing the stencil opening can potentially
generate more voids. On the other hand, stencil open-
ings larger than 100% will lead to excessive solder
paste smear or bridging across the I/O pads or
conductive paddle to adjacent I/O pads. Considering
the fact that solder paste thickness will directly affect
the quality of the solder joint, a good choice is to use
laser cut stencil composed of 0.100 mm (4 mils) or
0.127 mm (5 mils) thick stainless steel which is capable
of producing the required fine stencil outline.
Figure 14. Metallization.
Figure 15. Solder Mask Opening.
Figure 16. Solder Paste Stencil Aperture.
0.25
0.85
0.4
0.7
0.6
Ø 0.3mm
on 0.6mm pitch
0.1
0.8
0.5
0.65
0.85
2.0
0.6
1.8
0.8 x 0.5
0.8 x 0.6
0.7
0.6
1.6
1.6
0.85
0.4


Similar Part No. - ACPM-7821-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-BLK AVAGO-ACPM-7822-BLK Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-TR1 AVAGO-ACPM-7822-TR1 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
More results

Similar Description - ACPM-7821-TR1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
   Power Amplifier Module for CDMA (887-925 MHz)
logo
Stealth Microwave, Inc.
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
   400-925 MHz 4 Watt Linear Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com