Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF152HF-010.0M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # PF152HF-010.0M
Description  Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

PF152HF-010.0M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  PF152HF-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation PF152HF-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation PF152HF-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation PF152HF-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
3.3V LVCMOS Model Specifications
5.0V HCMOS Model Specifications
Notes:
1.3) Initial calibration @ 25C. VCOCXO model Vc = 1.50 Vdc.
2.3) Frequency stability vs. Change in temperature, referenced to 25C.
3.3) Frequency stability per 5% change in supply voltage.
4.3) At the time of shipment after 48 hours of operation.
5.3) Inclusive of calibration, operating temperature range, supply voltage change,
shock and vibration 20 years aging, VCOCXO models Vc=1.5V.
6.3) Typical phase noise, results will vary depending on center frequency. The phase
noise shown are typical for 20 MHz.
7.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 minutes of continuous operation at a stable 25C.
8.3) VCOCXO models pullability referenced to Fo @ 25°C, Positive Transfer
Characteristic.
Bulletin
Page
Revision
Date
Cx123
3of4
01
25 Jun 2008
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Notes:
9.3) Initial calibration @ 25C. VCOCXO model Vc = 2.0 Vdc.
10.3) Frequency stability vs. Change in temperature, referenced to 25C.
11.3) Frequency stability per 5% change in supply voltage.
12.3) At the time of shipment after 48 hours of operation.
13.3) Inclusive of calibration, operating temperature range, supply voltage change,
shock and vibration 20 years aging, VCOCXO models Vc=2.0V.
14.3) Typical phase noise, results will vary depending on center frequency. The phase
noise shown are typical for 20 MHz.
15.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 minutes of continuous operation at a stable 25C.
16.3) VCOCXO models pullability referenced to Fo @ 25°C, Positive Transfer
Characteristic.
ABSOLUTE MAXIMUM RATINGS
TABLE 1.3
PARAMETER
UNITS
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.5
Vdc
Control Voltage
(Vc)
-0.5
-
4.5
Vdc
OPERATING SPECIFICATIONS
TABLE 2.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Frequency Calibration
-1.0
1.0
ppm
1.3, 4.3
Frequency Stability
See Page 2
ppm
2.3
Frequency vs. Change in Supply Voltage
-0.05
-
0.05
ppm
3.3
Aging (Daily)
-30
-
30
ppb
4.3
Aging (1st year)
-1.0
-
1.0
ppm
Total Frequency Tolerance (20 years)
-4.6
-
4.6
ppm
5.3
Supply Voltage
(Vcc)
3.13
3.3
3.47
Vdc
Supply Power (0 to 70°C)
-
-
1.5
Watts
Supply Power (-40 to 85°C)
-
-
2.7
Watts
Phase Jitter (BW =10Hz to Fo/2)
-
-
3
pS RMS
Phase Jitter (BW =10KHz to Fo/2)
-
-
1
pS RMS
Period Jitter
-
-
1
pS RMS
Allan Variance (1 Second)
-
1.00 E-10
-
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
6.3
SSB Phase Noise at 100Hz offset
-
-120
-
dBc/Hz
6.3
SSB Phase Noise at 1KHz offset
-
-140
-
dBc/Hz
6.3
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
6.3
Start-Up Time: Oscillator
-
-
35
ms
Warm Up Time
-
-
5
Minutes
7.3
VCOCXO CHARACTERISTICS
TABLE 3.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Control Voltage Range
(Vc)
0.3
1.5
3.0
Vdc
Frequency at Vc=0.3 Vdc
-
-7
-5
ppm
8.3
Frequency at Vc=3.0 Vdc
5
7
-
ppm
8.3
Slope of Frequency Adjust
3.7
-
-
ppm/V
Input Impedance
100k
-
-
Ohm
LVCMOS OUTPUT CHARACTERISTICS
TABLE 4.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
LOAD
-
15
-
pF
Voltage
(High)
(Voh)
2.6
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
PACKAGE CHARACTERISTICS
TABLE 5.3
PF1xxxx-Series DIP Package
14 pin DIP, hermetically sealed, grounded, welded package.
PF2xxxx-Series Surface Mount Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.
ABSOLUTE MAXIMUM RATINGS
TABLE 6.3
PARAMETER
UNITS
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.5
Vdc
Control Voltage
(Vc)
-0.5
-
4.5
Vdc
OPERATING SPECIFICATIONS
TABLE 7.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Frequency Calibration
-1.0
1.0
ppm
9.3, 12.3
Frequency Stability
See Page 2
ppm
10.3
Frequency vs. Change in Supply Voltage
-0.05
-
0.05
ppm
11.3
Aging (Daily)
-30
-
30
ppb
123
Aging (1st year)
-1.0
-
1.0
ppm
Total Frequency Tolerance (20 years)
-4.6
-
4.6
ppm
13.3
Supply Voltage
(Vcc)
4.75
5.0
5.25
Vdc
Supply Power (0 to 70°C)
-
-
1.5
Watts
Supply Power (-40 to 85°C)
-
-
2.7
Watts
Phase Jitter (BW =10Hz to Fo/2)
-
-
3
pS RMS
Phase Jitter (BW =10KHz to Fo/2)
-
-
1
pS RMS
Period Jitter
-
-
1
pS RMS
Allan Variance (1 Second)
-
1.00 E-10
-
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
14.3
SSB Phase Noise at 100Hz offset
-
-120
-
dBc/Hz
14.3
SSB Phase Noise at 1KHz offset
-
-140
-
dBc/Hz
14.3
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
14.3
Start-Up Time: Oscillator
-
-
35
ms
Warm Up Time
-
-
5
Minutes
15.3
VCOCXO CHARACTERISTICS
TABLE 8.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Control Voltage Range
(Vc)
0.5
2.0
4.1
Vdc
Frequency at Vc=0.5 Vdc
-
-7
-5
ppm
16.3
Frequency at Vc=4.1 Vdc
5
7
-
ppm
16.3
Slope of Frequency Adjust
3.7
-
-
ppm/V
Input Impedance
100k
-
-
Ohm
HCMOS OUTPUT CHARACTERISTICS
TABLE 9.3
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
LOAD
-
15
-
pF
Voltage
(High)
(Voh)
Vcc-0.5
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
PACKAGE CHARACTERISTICS
TABLE 10.3
PF1xxxx-Series DIP Package
14 pin DIP, hermetically sealed, grounded, welded package.
PF2xxxx-Series Surface Mount Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.


Similar Part No. - PF152HF-010.0M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PF152 GOOD-ARK-PF152 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - PF152HF-010.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com