Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF153HF-010.0M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # PF153HF-010.0M
Description  Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

PF153HF-010.0M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  PF153HF-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation PF153HF-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation PF153HF-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation PF153HF-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
.830
(21.08mm)
.565
(14.35mm)
1
7
8
14
OCXO - N/C
VCOCXO - VC
15 pF
Suggested Pad Layout
Surface Mount Package Outline
14 Pin DIP Package Outline
Keep Out Area
Test Circuit
14 Pin DIP Package
Environmental Characteristics
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles,
10 minute dwell, 1minute transition.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15 minute
cycles 12 times each perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 0.5ms, half sine, 3 shocks per
direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
Surface Mount Package
Environmental Characteristics
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles,
10 minute dwell, 1minute transition.
GrossLeakTest: Per MIL-STD-202, Method 112, Condition D. No Bubbles in flourinert (FC-43) at
125°C ±5°C for 20 seconds.
SOLDERING
Pin Solderability: Per MIL-STD-883, Method 2003. 8 hour steam age prior to 254°C ±5°C Solder
pot dip, 95% Coverage.
Resistance to Solder Heat: Per MIL-STD-202, Method 210, Condition C. Wave: Topside board-
mount product, 260°C ±5°C for 20 seconds.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15 minute
cycles 12 times each perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 0.5ms, half sine, 3 shocks per
direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
CW 0704
PF151LF
10.0 MHZ
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
.330 max
(8.382mm)
.330 max
(8.382mm)
90%
50%
10%
Output Waveform
Tape and Reel Information
Solder Profile
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Cx123
4of4
01
25 Jun 2008
Pin
Function
1
OCXO – N/C
VCOCXO - Voltage Control
7Ground (Case)
8
Output
14
Vcc
Pin Connections


Similar Part No. - PF153HF-010.0M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PF153 GOOD-ARK-PF153 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - PF153HF-010.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com