Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF253HF-010.0M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # PF253HF-010.0M
Description  Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

PF253HF-010.0M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  PF253HF-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation PF253HF-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation PF253HF-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation PF253HF-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Model Specifications
ORDERING INFORMATION
PF151LF
-
010.0 M
OCXO
SERIES
CENTER
FREQUENCY
0704
PF151LF
10.0MHZ
OCXO - Fixed Frequency
VCOCXO - Voltage Controlled
Frequency Range: 6.4 to 40 MHz
3.3V or 5.0V Operation
LVCMOS / HCMOS Output Logic
PF
Frequency Stabilities Available:
Temperature Ranges Available:
: 0 to 70°C
Low Jitter <1pS RMS
RoHS Compliant / Lead Free
15xxx / PF16xxx Series -14 Pin DIP
Package
PF25xxx / PF26xxx Series -Surface Mount
Package
PF150xx Series: ±0.05ppm
PF151xx / PF161xx Series: ±0.10ppm
PF251xx / PF261xx Series: ±0.10ppm
PF152xx / PF162xx Series: ±0.15ppm
PF252xx / PF262xx Series: ±0.15ppm
PF153xx / PF163xx Series: ±0.20ppm
PF253xx / PF263xx Series: ±0.20ppm
PF154xx / PF164xx Series: ±0.25ppm
PF254xx / PF264xx Series: ±0.25ppm
PF15xxx
PF16xxx: -40 to 85°C
Tape and Reel Packaging
ORDERING INFORMATION
PIN CONNECTIONS
FEATURES
Pin
Function
1
OCXO – N/C
VCOCXO - Voltage Control
7
Ground (Case)
8
Output
14
Vcc
PF15xxx / PF16xxx - Series
0704
PF251LF
12.8MHZ
PF25xxx / PF26xxx - Series
Bulletin
Page
Revision
Date
Cx123
2of4
01
25 Jun 2008
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
DIP Package Model Number
PF150LF
PF150HF
PF150LV
PF150HV
Note:
SM Package Model Number
PF250LF
PF250HF
PF250LV
PF250HV
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.05ppm
1.2
Temperature Range
0 to 70°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF151LF
PF151HF
PF151LV
PF151HV
Note:
SM Package Model Number
PF251LF
PF251HF
PF251LV
PF251HV
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.10ppm
1.2
Temperature Range
0 to 70°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF161LF
PF161HF
PF161LV
PF161HV
Note:
SM Package Model Number
PF261LF
PF261HF
PF261LV
PF261HV
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.10ppm
1.2
Temperature Range
-40 to 85°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF152LF
PF152HF
PF152LV
PF152HV
Note:
SM Package Model Number
PF252LF
PF252HF
PF252LV
PF252HV
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.15ppm
1.2
Temperature Range
0 to 70°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF162LF
PF162HF
PF162LV
PF162HV
Note:
SM Package Model Number
PF262LF
PF262HF
PF262LV
PF262HV
Frequency Range
6.4 to 40 MHz
1.2
Frequency Stability
±0.15ppm
Temperature Range
-40 to 85°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF153LF
PF153HF
PF153LV
PF153HV
Note:
SM Package Model Number
PF253LF
PF253HF
PF253LV
PF253HV
Frequency Range
6.4 to 40 MHz
1.2
Frequency Stability
±0.20ppm
Temperature Range
0 to 70°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF163LF
PF163HF
PF163LV
PF163HV
Note:
SM Package Model Number
PF263LF
PF263HF
PF263LV
PF263HV
Frequency Range
6.4 to 40 MHz
1.2
Frequency Stability
±0.20ppm
Temperature Range
-40 to 85°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF154LF
PF154HF
PF154LV
PF154HV
Note:
SM Package Model Number
PF254LF
PF254HF
PF254LV
PF254HV
Frequency Range
6.4 to 40 MHz
1.2
Frequency Stability
±0.25ppm
Temperature Range
0 to 70°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
DIP Package Model Number
PF164LF
PF164HF
PF164LV
PF164HV
Note:
SM Package Model Number
PF264LF
PF264HF
PF264LV
PF264HV
Frequency Range
6.4 to 40 MHz
1.2
Frequency Stability
±0.25ppm
Temperature Range
-40 to 85°C
Supply Voltage
3.3 Vdc
5.0 Vdc
3.3 Vdc
5.0 Vdc
OCXO / VCOCXO
OCXO
OCXO
VCOCXO
VCOCXO
Note:
1.2) Frequency stability vs. change in temperature.


Similar Part No. - PF253HF-010.0M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF253 MCC-PF253 Datasheet
89Kb / 2P
   25Amp Fast Recover Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF253 CHENYI-PF253 Datasheet
332Kb / 2P
   25Amp fast recover rectifier 50to1000 volts
logo
Micro Commercial Compon...
PF253 MCC-PF253 Datasheet
417Kb / 3P
   25Amp Rectifier 50 to 600 Volts
More results

Similar Description - PF253HF-010.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com